Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F008SA Datasheet(PDF) 17 Page - Intel Corporation

Part # 28F008SA
Description  8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008SA Datasheet(HTML) 17 Page - Intel Corporation

Back Button 28F008SA Datasheet HTML 13Page - Intel Corporation 28F008SA Datasheet HTML 14Page - Intel Corporation 28F008SA Datasheet HTML 15Page - Intel Corporation 28F008SA Datasheet HTML 16Page - Intel Corporation 28F008SA Datasheet HTML 17Page - Intel Corporation 28F008SA Datasheet HTML 18Page - Intel Corporation 28F008SA Datasheet HTML 19Page - Intel Corporation 28F008SA Datasheet HTML 20Page - Intel Corporation 28F008SA Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
28F008SA
290429 – 10
Bus
Command
Comments
Operation
Write
Erase
Data e B0H
Suspend
Write
Read
Data e 70H
Status Register
Standby
Check RYBY
Read
VOH e Ready VOL e
Busy or Read Status
Register
Check SR7
1 e Ready 0 e Busy
Toggle OE
or CE
to
Update Status Register
Standby
Check SR6
1 e Suspended
Write
Read Array
Data e FFH
Read
Read array data from block
other than that being
erased
Write
Erase Resume
Data e D0H
Figure 9 Erase SuspendResume Flowchart
Power Supply Decoupling
Flash memory power switching characteristics re-
quire careful device decoupling System designers
are interested in 3 supply current issues standby
current levels (ISB) active current levels (ICC) and
transient peaks produced by falling and rising edges
of CE
Transient current magnitudes depend on
the device outputs’ capacitive and inductive loading
Two-line control and proper decoupling capacitor
selection will suppress transient voltage peaks
Each device should have a 01 mF ceramic capacitor
connected between each VCC and GND and be-
tween its VPP and GND These high frequency low
inherent-inductance capacitors should be placed as
close as possible to package leads Additionally for
every 8 devices a 47 mF electrolytic capacitor
should be placed at the array’s power supply con-
nection between VCC and GND The bulk capacitor
will overcome voltage slumps caused by PC board
trace inductances
VPP Trace on Printed Circuit Boards
Writing flash memories while they reside in the tar-
get system requires that the printed circuit board
designer pay attention to the VPP power supply
trace The VPP pin supplies the memory cell current
for writing and erasing Use similar trace widths and
layout considerations given to the VCC power bus
Adequate VPP supply traces and decoupling will de-
crease VPP voltage spikes and overshoots
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com