Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F008SA Datasheet(PDF) 30 Page - Intel Corporation

Part # 28F008SA
Description  8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008SA Datasheet(HTML) 30 Page - Intel Corporation

Back Button 28F008SA Datasheet HTML 25Page - Intel Corporation 28F008SA Datasheet HTML 26Page - Intel Corporation 28F008SA Datasheet HTML 27Page - Intel Corporation 28F008SA Datasheet HTML 28Page - Intel Corporation 28F008SA Datasheet HTML 29Page - Intel Corporation 28F008SA Datasheet HTML 30Page - Intel Corporation 28F008SA Datasheet HTML 31Page - Intel Corporation 28F008SA Datasheet HTML 32Page - Intel Corporation 28F008SA Datasheet HTML 33Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
28F008SA
ALTERNATIVE CE -CONTROLLED WRITES
Versions
VCCg5%
28F008SA-85(6)
Unit
VCCg10%
28F008SA-85(7)
28F008SA-120(7)
Symbol
Parameter
Notes
Min
Max
Min
Max
Min
Max
tAVAV
tWC
Write Cycle Time
85
90
120
ns
tPHEL
tPS
RP
High Recovery to
2
1
1
1
m
s
CE
Going Low
tWLEL
tWS
WE
Setup to CE
Going
0
0
0
ns
Low
tELEH
tCP
CE
Pulse Width
50
50
50
ns
tVPEH
tVPS
VPP Setup to CE
Going
2
100
100
100
ns
High
tAVEH
tAS
Address Setup to CE
340
40
40
ns
Going High
tDVEH
tDS
Data Setup to CE
Going
4
40
40
40
ns
High
tEHDX
tDH
Data Hold from CE
High
5
5
5
ns
tEHAX
tAH
Address Hold from CE
55
5
ns
High
tEHWH
tWH
WE
Hold from CE
High
0
0
0
ns
tEHEL
tEPH
CE
Pulse Width High
25
25
25
ns
tEHRL
CE
High to RYBY
100
100
100
ns
Going Low
tEHQV1
Duration of Byte Write
5
6
6
6
m
s
Operation
tEHQV2
Duration of Block Erase
5
03
03
03
sec
Operation
tEHGL
Write Recovery before
0
0
0
m
s
Read
tQVVL
tVPH
VPP Hold from Valid SRD
2 5
0
0
0
ns
RYBY
High
NOTES
1 Chip-Enable Controlled Writes Write operations are driven by the valid combination of CE
and WE
In systems where
CE
defines the write pulsewidth (within a longer WE
timing waveform) all setup hold and inactive WE
times should be
measured relative to the CE
waveform
2 Sampled not 100% tested
3 Refer to Table 3 for valid AIN for byte write or block erasure
4 Refer to Table 3 for valid DIN for byte write or block erasure
5 Byte write and block erase durations are measured to completion (SR7 e 1 RYBY
e
VOH) VPP should be held at
VPPH until determination of byte writeblock erase success (SR345 e 0)
6 See High Speed AC InputOutput Reference Waveforms and High Speed AC Testing Load Circuits for testing characteris-
tics
7 See AC InputOutput Reference Waveforms and AC Testing Load Circuits for testing characteristics
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com