Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F008SA Datasheet(PDF) 22 Page - Intel Corporation

Part # 28F008SA
Description  8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008SA Datasheet(HTML) 22 Page - Intel Corporation

Back Button 28F008SA Datasheet HTML 18Page - Intel Corporation 28F008SA Datasheet HTML 19Page - Intel Corporation 28F008SA Datasheet HTML 20Page - Intel Corporation 28F008SA Datasheet HTML 21Page - Intel Corporation 28F008SA Datasheet HTML 22Page - Intel Corporation 28F008SA Datasheet HTML 23Page - Intel Corporation 28F008SA Datasheet HTML 24Page - Intel Corporation 28F008SA Datasheet HTML 25Page - Intel Corporation 28F008SA Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
28F008SA
DC CHARACTERISTICS EXTENDED TEMPERATURE OPERATION (Continued)
Symbol
Parameter
Notes
Min
Typ
Max
Unit
Test Condition
VIL
Input Low Voltage
b
05
08
V
VIH
Input High Voltage
20
VCC a 05
V
VOL
Output Low Voltage
3
045
V
VCC e VCC Min
IOL e 58 mA
VOH1
Output High Voltage
3
24
V
VCC e VCC Min
(TTL)
IOH eb25 mA
VOH2
Output High Voltage
085 VCC
VIOH eb25 mA
(CMOS)
VCC e VCC Min
VCC b 04
IOH eb100 mA
VCC e VCC Min
VPPL
VPP during Normal
4
00
65
V
Operations
VPPH
VPP during EraseWrite
114
120
126
V
Operations
VLKO
VCC EraseWrite Lock
20
V
Voltage
CAPACITANCE(5) TA e 25 C f e 1 MHz
Symbol
Parameter
Typ
Max
Unit
Condition
CIN
Input Capacitance
6
8
pF
VIN e 0V
COUT
Output Capacitance
8
12
pF
VOUT e 0V
NOTES
1 All currents are in RMS unless otherwise noted Typical values at VCC e 50V VPP e 120V T e 25 C These currents
are valid for all product versions (packages and speeds)
2 ICCES is specified with the device deselected If the 28F008SA is read while in Erase Suspend Mode current draw is the
sum of ICCES and ICCR
3 Includes RYBY
4 Block ErasesByte Writes are inhibited when VPP e VPPL and not guaranteed in the range between VPPH and VPPL
5 Sampled not 100% tested
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com