Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F008SA Datasheet(PDF) 21 Page - Intel Corporation

Part # 28F008SA
Description  8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008SA Datasheet(HTML) 21 Page - Intel Corporation

Back Button 28F008SA Datasheet HTML 17Page - Intel Corporation 28F008SA Datasheet HTML 18Page - Intel Corporation 28F008SA Datasheet HTML 19Page - Intel Corporation 28F008SA Datasheet HTML 20Page - Intel Corporation 28F008SA Datasheet HTML 21Page - Intel Corporation 28F008SA Datasheet HTML 22Page - Intel Corporation 28F008SA Datasheet HTML 23Page - Intel Corporation 28F008SA Datasheet HTML 24Page - Intel Corporation 28F008SA Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
28F008SA
EXTENDED TEMPERATURE OPERATING CONDITIONS
Symbol
Parameter
Notes
Min
Max
Unit
TA
Operating Temperature
b
40
a
85
C
VCC
VCC Supply Voltage (10%)
5
450
550
V
VCC
VCC Supply Voltage (5%)
5
475
525
V
DC CHARACTERISTICS EXTENDED TEMPERATURE OPERATION
Symbol
Parameter
Notes
Min
Typ
Max
Unit
Test Condition
ILI
Input Load Current
1
g
10
m
AVCC e VCC Max
VIN e VCC or GND
ILO
Output Leakage Current
1
g
10
m
AVCC e VCC Max
VOUT e VCC or GND
ICCS
VCC Standby Current
1 3
10
20
mA
VCC e VCC Max
CE
e
RP
e
VIH
30
100
m
AVCC e VCC Max
CE
e
RP
e
VCC g02V
ICCD
VCC Deep PowerDown
1
020
20
m
ARP
e
GND g02V
Current
IOUT (RYBY ) e 0mA
ICCR
VCC Read Current
1
20
35
mA
VCC e VCC Max CE
e
GND
f e 8 MHz IOUT e 0mA
CMOS Inputs
25
50
mA
VCC e VCC Max CE
e
VIL
f e 8 MHz IOUT e 0mA
TTL Inputs
ICCW
VCC Byte Write Current
1
10
30
mA
Byte Write In Progress
ICCE
VCC Block Erase Current
1
10
30
mA
Block Erase In Progress
ICCES
VCC Erase Suspend Current
1 2
5
10
mA
Block Erase Suspended
CE
e
VIH
IPPS
VPP Standby Current
1
g
1
g
15
m
AVPP s VCC
IPPD
VPP Deep PowerDown
1
010
50
m
ARP
e
GND g02V
Current
IPPR
VPP Read Current
200
m
AVPP l VCC
IPPW
VPP Byte Write Current
1
10
30
mA
VPP e VPPH
Byte Write in Progress
IPPE
VPP Block Erase Current
1
10
30
mA
VPP e VPPH
Block Erase in Progress
IPPES
VPP Erase Suspend
1
90
200
m
AVPP e VPPH
Current
Block Erase Suspended
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com