Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F008SA Datasheet(PDF) 2 Page - Intel Corporation

Part # 28F008SA
Description  8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008SA Datasheet(HTML) 2 Page - Intel Corporation

  28F008SA Datasheet HTML 1Page - Intel Corporation 28F008SA Datasheet HTML 2Page - Intel Corporation 28F008SA Datasheet HTML 3Page - Intel Corporation 28F008SA Datasheet HTML 4Page - Intel Corporation 28F008SA Datasheet HTML 5Page - Intel Corporation 28F008SA Datasheet HTML 6Page - Intel Corporation 28F008SA Datasheet HTML 7Page - Intel Corporation 28F008SA Datasheet HTML 8Page - Intel Corporation 28F008SA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
28F008SA
PRODUCT OVERVIEW
The
28F008SA
is
a
high-performance
8-Mbit
(8388608 bit) memory organized as 1 Mbyte
(1048576 bytes) of 8 bits each Sixteen 64-Kbyte
(65536 byte) blocks are included on the 28F008SA
A memory map is shown in Figure 6 of this specifica-
tion A block erase operation erases one of the six-
teen blocks of memory in typically 16 seconds in-
dependent of the remaining blocks Each block can
be independently erased and written 100000 cy-
cles Erase Suspend
mode allows system software
to suspend block erase to read data or execute
code from any other block of the 28F008SA
The 28F008SA is available in the 40-lead TSOP
(Thin Small Outline Package 12 mm thick) and 44-
lead PSOP
(Plastic Small Outline) packages Pin-
outs are shown in Figures 2 and 4 of this specifica-
tion
The Command User Interface serves as the inter-
face between the microprocessor or microcontroller
and the internal operation of the 28F008SA
Byte Write and Block Erase Automation
allow
byte write and block erase operations to be execut-
ed using a two-write command sequence to the
Command User Interface The internal Write State
Machine
(WSM) automatically executes the algo-
rithms and timings necessary for byte write and
block
erase
operations
including
verifications
thereby unburdening the microprocessor or micro-
controller Writing of memory data is performed in
byte increments typically within 9 ms an 80% im-
provement over current flash memory products IPP
byte write and block erase currents
are 10 mA
typical 30 mA maximum VPP byte write and
block erase voltage
is 114V to 126V
The Status Register indicates the status of the
WSM and when the WSM successfully completes
the desired byte write or block erase operation
The RYBY
output gives an additional indicator of
WSM activity providing capability for both hardware
signal of status (versus software polling) and status
masking (interrupt masking for background erase
for example) Status polling using RYBY
mini-
mizes both CPU overhead and system power con-
sumption When low RYBY
indicates that the
WSM is performing a block erase or byte write oper-
ation RYBY
high indicates that the WSM is ready
for new commands block erase is suspended or the
device is in deep powerdown mode
Maximum access time is 85 ns (tACC) over the com-
mercial temperature range (0 Cto a70 C) and over
VCC supply voltage range (45V to 55V and 475V to
525V) ICC active current (CMOS Read) is 20 mA
typical 35 mA maximum at 8 MHz
When the CE
and RP
pins are at VCC the ICC
CMOS Standby
mode is enabled
A Deep Powerdown mode is enabled when the
RP
pin is at GND minimizing power consumption
and providing write protection ICC current in deep
powerdown is 020 mA typical Reset time of 400 ns
is required from RP
switching high until outputs are
valid to read attempts Equivalently the device has a
wake time of 1 ms from RP
high until writes to the
Command User Interface are recognized by the
28F008SA With RP
at GND the WSM is reset
and the Status Register is cleared
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com