Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F008SA Datasheet(PDF) 33 Page - Intel Corporation

Part # 28F008SA
Description  8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008SA Datasheet(HTML) 33 Page - Intel Corporation

Back Button 28F008SA Datasheet HTML 25Page - Intel Corporation 28F008SA Datasheet HTML 26Page - Intel Corporation 28F008SA Datasheet HTML 27Page - Intel Corporation 28F008SA Datasheet HTML 28Page - Intel Corporation 28F008SA Datasheet HTML 29Page - Intel Corporation 28F008SA Datasheet HTML 30Page - Intel Corporation 28F008SA Datasheet HTML 31Page - Intel Corporation 28F008SA Datasheet HTML 32Page - Intel Corporation 28F008SA Datasheet HTML 33Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
28F008SA
ORDERING INFORMATION
290429 – 16
VALID COMBINATIONS
E28F008SA-85
F28F008SA-85
PA28F008SA-85
TE28F008SA-100
TB28F008SA-100
E28F008SA-120
F28F008SA-120
PA28F008SA-120
TF28F008SA-100
ADDITIONAL INFORMATION
Order
Number
28F008SA-L Datasheet
290435
‘‘28F008SA 8-Mbit (1-Mbit x 8) Flash Memory SmartDieTM Product Specification’’
271296
AP-359
‘‘28F008SA Hardware Interfacing’’
292094
AP-360
‘‘28F008SA Software Drivers’’
292095
AP-364
‘‘28F008SA Automation and Algorithms’’
292099
ER-27
‘‘The Intel 28F008SA Flash Memory’’
294011
ER-28
‘‘ETOXTM III Flash Memory Technology’’
290412
REVISION HISTORY
Number
Description
002
Revised from Advanced Information to Preliminary
Modified Erase Suspend Flowchart
Removed -90 speed bin
Integrated -90 characteristics into -85 speed bin
Combined VPP Standby current and VPP Read
current into one VPP Standby current spec with two
test conditions (DC Characteristics table)
Lowered VLKO from 22V to 20V
004
PWD
renamed to RP
for JEDEC standardization
compatibility
Changed IPPS Standby current spec from g10 mA to
g
15 mA
in DC Characteristics table
005
Added Extended Temperature Specs for 28F008SA
Added IPPR Spec
Corrected IPPS Spec Type
Added VOHZ (Output High VoltageCMOS) Spec
Added Byte Write Time Spec
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com