Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80296SA Datasheet(PDF) 17 Page - Intel Corporation

Part # S80296SA
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80296SA Datasheet(HTML) 17 Page - Intel Corporation

Back Button S80296SA Datasheet HTML 13Page - Intel Corporation S80296SA Datasheet HTML 14Page - Intel Corporation S80296SA Datasheet HTML 15Page - Intel Corporation S80296SA Datasheet HTML 16Page - Intel Corporation S80296SA Datasheet HTML 17Page - Intel Corporation S80296SA Datasheet HTML 18Page - Intel Corporation S80296SA Datasheet HTML 19Page - Intel Corporation S80296SA Datasheet HTML 20Page - Intel Corporation S80296SA Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
PRELIMINARY
13
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
5.0
ADDRESS MAP
Table 5. 80296SA Address Map
Hex
Address
Description (Note 1, Note 2)
Addressing Modes for
Data Accesses
FFFFFF
FFF800
External device (memory or I/O) in 1-Mbyte mode (CCB1.1=0)
A copy of internal code RAM in 64-Kbyte mode (CCB1.1=1)
Extended
FFF7FF
FF2080
External program memory (Note 3)
Extended
FF207F
FF2000
External special-purpose memory (CCBs and interrupt vectors)
Extended
FF1FFF
FF0400
External device (memory or I/O) connected to address/data bus
Extended
FF03FF
FF0000
Reserved for in-circuit emulators
—
FEFFFF
0F0000
Overlaid memory (reserved for future devices);
locations
xF0000–xF03FFH are reserved for in-circuit emulators
—
0EFFFF
010000
External device (memory or I/O) connected to address/data bus
Extended
00FFFF
00F800
Internal code RAM (code or data); can be windowed by WSR1. In
64-Kbyte mode, code RAM is identically mapped into page FFH.
Indirect, indexed, extended,
windowed direct
00F7FF
00F000
External device (memory or I/O) connected to address/data bus;
can be windowed by WSR1
Indirect, indexed, extended,
windowed direct
00EFFF
002000
External device (memory or I/O) connected to address/data bus
Indirect, indexed, extended
001FFF
001F00
Internal peripheral special-function registers (SFRs);
can be windowed by WSR or WSR1
Indirect, indexed, extended,
windowed direct
001EFF
001C00
Reserved (future SFR expansion)
—
001BFF
000400
External device (memory or I/O) connected to address/data bus
Indirect, indexed, extended
0003FF
000200
Reserved (future register file expansion)
—
0001FF
000100
Upper register file (general-purpose register RAM)
can be windowed by WSR or WSR1
Indirect, indexed, extended
windowed direct
0000FF
00001A
Lower register file (general-purpose register RAM)
Direct, indirect, indexed,
extended
000019
000000
Lower register file (stack pointer and CPU SFRs)
Direct
NOTES:
1.
Unless otherwise noted, write 0FFH to reserved memory locations and write 0 to reserved SFR bits.
2.
The contents or functions of reserved locations may change in future device revisions, in which case a
program that relies on one or more of these locations might not function properly.
3.
External memory occupies the boot memory partition, FF2080–FF7FFH. After reset, the default chip-
select line (CS0#) is active; the first instruction fetch is from FF2080H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com