Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80296SA Datasheet(PDF) 35 Page - Intel Corporation

Part # S80296SA
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80296SA Datasheet(HTML) 35 Page - Intel Corporation

Back Button S80296SA Datasheet HTML 31Page - Intel Corporation S80296SA Datasheet HTML 32Page - Intel Corporation S80296SA Datasheet HTML 33Page - Intel Corporation S80296SA Datasheet HTML 34Page - Intel Corporation S80296SA Datasheet HTML 35Page - Intel Corporation S80296SA Datasheet HTML 36Page - Intel Corporation S80296SA Datasheet HTML 37Page - Intel Corporation S80296SA Datasheet HTML 38Page - Intel Corporation S80296SA Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
PRELIMINARY
31
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
6.2.7
EXTERNAL CLOCK DRIVE
Figure 13. External Clock Drive Waveforms
Table 14. External Clock Drive
Symbol
Parameter
Min
Max
Units
F
XTAL
1
External Input Frequency (1/TXLXL), PLL disabled
16
50†
MHz
External Input Frequency (1/TXLXL), PLL in 2x mode
8
25
MHz
External Input Frequency (1/TXLXL), PLL in 4x mode
8
12.5
MHz
T
XTAL
1
Oscillator Period (T
XLXL), PLL disabled
20
62.5
ns
Oscillator Period (T
XLXL), PLL in 2x mode
40
125
ns
Oscillator Period (T
XLXL), PLL in 4x mode
80
125
ns
T
XHXX
High Time
0.35T
XTAL
1
0.65T
XTAL
1
ns
T
XLXX
Low Time
0.35T
XTAL
1
0.65T
XTAL
1
ns
T
XLXH
Rise Time
10
ns
T
XHXL
Fall Time
10
ns
† Assumes an external clock; the maximum input frequency for an external crystal oscillator is 25 MHz.
TXLXX
A2119-03
TXHXX
TXHXL
T
XLXL
0.3 VCC – 0.5 V
0.7 VCC + 0.5 V
TXLXH
0.7 VCC + 0.5 V
0.3 VCC – 0.5 V
XTAL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com