Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80296SA Datasheet(PDF) 32 Page - Intel Corporation

Part # S80296SA
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80296SA Datasheet(HTML) 32 Page - Intel Corporation

Back Button S80296SA Datasheet HTML 28Page - Intel Corporation S80296SA Datasheet HTML 29Page - Intel Corporation S80296SA Datasheet HTML 30Page - Intel Corporation S80296SA Datasheet HTML 31Page - Intel Corporation S80296SA Datasheet HTML 32Page - Intel Corporation S80296SA Datasheet HTML 33Page - Intel Corporation S80296SA Datasheet HTML 34Page - Intel Corporation S80296SA Datasheet HTML 35Page - Intel Corporation S80296SA Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
28
PRELIMINARY
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
6.2.4.3
80296SA Deferred Bus Timing Mode
The deferred bus cycle mode is designed to reduce bus contention when using the 80296SA in demultiplexed
mode with slow memory devices. Unlike the 8XC196NU, in which this bus mode has to be enabled through
the CCR to take advantage of the feature, the 80296SA automatically invokes this mode whenever the
appropriate conditions occur. In the deferred mode, a delay of the WR# signal and the next bus cycle will
occur in the first bus cycle following a chip-select change and in the first write cycle following a read cycle.
This mode will work in parallel with wait states. Refer to Figure 11 to determine which control signals are
affected.
Cycle 1 is a normal 4t read cycle. Cycle 2 is a write cycle that follows a read cycle, so a 2t delay of the next
bus cycle is inserted. Notice that the chip-select change at the beginning of cycle 2 did not cause a double
delay (4t). The chip-select change in cycle 3, a read cycle, causes a 2t delay.
Figure 10. Deferred Bus Mode Timing Diagram
CLKOUT
ALE
RD#
A3247-02
TWHLH + 2t
TRHLH + 2t
TAVRL + 2t
TAVWL + 2t
AD15:0
(read)
WR#
AD15:0
(write)
BHE#, INST
A19:0
CS
x#
TAVDV + 2t
TLHLH + 2t
Data In
Data In
Data Out
Valid
Valid
Data Out
Address Out
Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com