Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80296SA Datasheet(PDF) 36 Page - Intel Corporation

Part # S80296SA
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80296SA Datasheet(HTML) 36 Page - Intel Corporation

Back Button S80296SA Datasheet HTML 32Page - Intel Corporation S80296SA Datasheet HTML 33Page - Intel Corporation S80296SA Datasheet HTML 34Page - Intel Corporation S80296SA Datasheet HTML 35Page - Intel Corporation S80296SA Datasheet HTML 36Page - Intel Corporation S80296SA Datasheet HTML 37Page - Intel Corporation S80296SA Datasheet HTML 38Page - Intel Corporation S80296SA Datasheet HTML 39Page - Intel Corporation S80296SA Datasheet HTML 40Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
32
PRELIMINARY
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
Figure 14. AC Testing Input and Output Waveforms During 5.0 Volt Testing
Figure 15. Float Waveforms During 5.0 Volt Testing
Test Points
2.0 V
0.8 V
Note:
AC testing inputs are driven at 3.5 V for a logic “1” and 0.45 V for a logic
“0”. Timing measurements are made at 2.0 V for a logic “1” and 0.8 V for
a logic “0”.
3.5 V
0.45 V
A2120-04
2.0 V
0.8 V
VLOAD
VLOAD – 0.15 V
VLOAD + 0.15 V
Timing Reference
Points
VOH – 0.15 V
VOL + 0.15 V
Note:
For timing purposes, a port pin is no longer floating when a 150 mV change from load
voltage occurs and begins to float when a 150 mV change from the loading V
OH/VOL
level occurs with I
OL/IOH ≤15 mA.
A2121-03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com