Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80296SA Datasheet(PDF) 6 Page - Intel Corporation

Part # S80296SA
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80296SA Datasheet(HTML) 6 Page - Intel Corporation

Back Button S80296SA Datasheet HTML 2Page - Intel Corporation S80296SA Datasheet HTML 3Page - Intel Corporation S80296SA Datasheet HTML 4Page - Intel Corporation S80296SA Datasheet HTML 5Page - Intel Corporation S80296SA Datasheet HTML 6Page - Intel Corporation S80296SA Datasheet HTML 7Page - Intel Corporation S80296SA Datasheet HTML 8Page - Intel Corporation S80296SA Datasheet HTML 9Page - Intel Corporation S80296SA Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
2
PRELIMINARY
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
2.0
NOMENCLATURE OVERVIEW
Figure 2. The 80296SA Family Nomenclature
Table 1. Description of Product Nomenclature
Parameter
Options
Description
Temperature and Burn-in Options
no mark
Commercial operating temperature range (0°C to 70°C)
with Intel standard burn-in.
Packaging Options
S
QFP
Program–memory Options
0
Without ROM
Process Information
no mark
CHMOS
Product Family
296SA
—
Device Speed
40
40 MHz
50
50 MHz
XXXXX
XX
X
X
8
XX
X
A2815-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com