Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80296SA Datasheet(PDF) 5 Page - Intel Corporation

Part # S80296SA
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80296SA Datasheet(HTML) 5 Page - Intel Corporation

  S80296SA Datasheet HTML 1Page - Intel Corporation S80296SA Datasheet HTML 2Page - Intel Corporation S80296SA Datasheet HTML 3Page - Intel Corporation S80296SA Datasheet HTML 4Page - Intel Corporation S80296SA Datasheet HTML 5Page - Intel Corporation S80296SA Datasheet HTML 6Page - Intel Corporation S80296SA Datasheet HTML 7Page - Intel Corporation S80296SA Datasheet HTML 8Page - Intel Corporation S80296SA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
PRELIMINARY
1
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
1.0
PRODUCT OVERVIEW
The 80296SA is a member of Intel’s 16-bit MCS® 96 microcontroller family. The 80296SA features 6 Mbytes
of linear address space, a demultiplexed bus, and a chip-select unit. The external bus can dynamically switch
between multiplexed and demultiplexed operation. The device has hardware and instructions to support
various digital signal processing algorithms.
Figure 1. 80296SA Block Diagram
Code/Data
RAM
(2 Kbytes)
Port 3
Bus Control Signals
A19:16
AD15:0
SIO
Baud-
rate
Generator
EPA
Timer 1
Timer 2
Port 1
Port 4
PWM
Port 2
Source 2 Addr (24)
Source 2 Data (16)
Bus
Controller
A15:0
Source 1 Addr (24)
Source 1 Data (16)
Destination Addr (24)
Destination Data (16)
A3175-02
Aligner
Chip-select
Unit
Peripheral
Bus
Interface
Memory
Interface
Unit
Register File
(3-port RAM)
Instruction
Sequencer
Queue
ALU
Interrupt
Controller
Memory Data Bus (16)
Memory Addr Bus (24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com