Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82802AC Datasheet(PDF) 13 Page - Intel Corporation

Part # 82802AC
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AC Datasheet(HTML) 13 Page - Intel Corporation

Back Button 82802AC Datasheet HTML 9Page - Intel Corporation 82802AC Datasheet HTML 10Page - Intel Corporation 82802AC Datasheet HTML 11Page - Intel Corporation 82802AC Datasheet HTML 12Page - Intel Corporation 82802AC Datasheet HTML 13Page - Intel Corporation 82802AC Datasheet HTML 14Page - Intel Corporation 82802AC Datasheet HTML 15Page - Intel Corporation 82802AC Datasheet HTML 16Page - Intel Corporation 82802AC Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
Datasheet
13
2.
Pinout Configurations
Figure 4.
32-Lead PLCC Intel Firmware Hub Pinout
IntelFirmware Hub
(IntelFWH)
32-Lead PLCC
0.450" x 0.550"
Top View
RST#
VPP
32
31
30
29
28
27
26
25
24
23
22
21
20
19
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
CLK
VCC
FWH2 GND FWH3
FWH1
FWH0
ID0
ID1
ID2
ID3
FGPI2 FGPI3
FGPI4
RFU
RFU
RFU
FGPI1
FGPI0
WP#
TBL#
A/A
Mux
A/A
Mux
A/A
Mux
A/A
Mux
WE#
IC(V
IH)
DQ7
RY/BY#
OE#
GNDa
VCCa
GND
VCC
A5
VPP
A6
A4
VCC
DQ2
GND DQ3
DQ6
DQ1
DQ5
DQ4
DQ0
R/C#
RST#
A10
A9
A8
A7
A3
A2
A1
A0
FWH4
RFU
GNDa
GND
VCCa
IC (V
IL)
INIT#
VCC
RFU
Figure 5.
40-Lead TSOP Intel Firmware Hub Pinout
RST#
NC
NC
NC
NC
NC
VCC
VPP
VCCa
FWH4
INIT#
GND
GND
RFU
RFU
RFU
ID0
ID1
ID2
ID3
FWH2
FWH3
FWH1
FWH0
VCC
RFU
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
40
39
38
37
36
35
34
33
NC
Firmware Hub (FWH)
40-LEAD TSOP
10mm x 20mm
TOP VIEW
CLK
NC
WP#
TBL#
FGPI4
IC (V
IL)
GNDa
NC
RFU
WE#
NC
NC
NC
IC (V
IH)
NC
NC
A10
NC
NC
A9
A8
A7
A6
A5
A4
VCC
VPP
VCCa
RST#
OE#
RY/BY#
GND
GND
DQ6
DQ7
DQ5
A0
A1
A2
A3
DQ2
DQ3
DQ1
DQ0
GNDa
VCC
DQ4
NC
R/C#
A/A Mux
A/A Mux
FGPI0
FGPI1
FGPI2
FGPI3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com