Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82802AC Datasheet(PDF) 49 Page - Intel Corporation

Part # 82802AC
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AC Datasheet(HTML) 49 Page - Intel Corporation

Back Button 82802AC Datasheet HTML 45Page - Intel Corporation 82802AC Datasheet HTML 46Page - Intel Corporation 82802AC Datasheet HTML 47Page - Intel Corporation 82802AC Datasheet HTML 48Page - Intel Corporation 82802AC Datasheet HTML 49Page - Intel Corporation 82802AC Datasheet HTML 50Page - Intel Corporation 82802AC Datasheet HTML 51Page - Intel Corporation 82802AC Datasheet HTML 52Page - Intel Corporation 82802AC Datasheet HTML 53Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
Datasheet
49
6.4.1.
Reset Operations
#
Symbol
Parameter
Notes
Min.
Max.
Unit
P1
tPLPH
RST# pulse low time (If RST# is tied to VCC, this
specification is not applicable.)
100
ns
P2
tPLRH
RST# low to reset during block erase or program
1, 2
20
µs
Note:
1. If RST# is asserted when the WSM is not busy (RY/BY# = ‘1’), the reset will complete within 100
ns.
2. A reset time, tPHAV, is required from the latter of RY/BY# or RST# going high until outputs are
valid.
6.4.2.
AC Waveforms for Reset Operations
IH
V
IL
V
RST# (P)
IH
V
IL
V
RY/BY# (R)
P1
P2
6.4.3.
A/A Mux Read-Only Operations (1,3)
#
Symbol
Parameter
Notes
Min.
Max.
Unit
R1
tAVAV
Read cycle time
250
ns
R2
tAVCL
Row address setup to R/C# low
50
ns
R3
tCLAX
Row address hold from R/C# low
50
ns
R4
tAVCH
Column address setup to R/C# high
50
ns
R5
tCHAX
Column address hold from R/C# high
50
ns
R6
tCHQV
R/C# high to output delay
2
150
ns
R7
tGLQV
OE# low to output delay
2
50
ns
R8
tPHAV
RST# high to row address setup
1
µs
R9
tGLQX
OE# low to output in low Z
0
ns
R10
tGHQZ
OE# high to output in high Z
50
ns
R11
tQXGH
Output hold from OE# high
0
ns
Note:
1. See the AC input/output reference waveform for the maximum allowable input slew rate.
2. OE# may be delayed up to tCHQV – tGLQV after the rising edge of R/C# without affecting tCHQV.
3. Tc = 0 °C to + 85 °C, 3.3 V ± 0.3 V VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com