Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82802AC Datasheet(PDF) 35 Page - Intel Corporation

Part # 82802AC
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AC Datasheet(HTML) 35 Page - Intel Corporation

Back Button 82802AC Datasheet HTML 31Page - Intel Corporation 82802AC Datasheet HTML 32Page - Intel Corporation 82802AC Datasheet HTML 33Page - Intel Corporation 82802AC Datasheet HTML 34Page - Intel Corporation 82802AC Datasheet HTML 35Page - Intel Corporation 82802AC Datasheet HTML 36Page - Intel Corporation 82802AC Datasheet HTML 37Page - Intel Corporation 82802AC Datasheet HTML 38Page - Intel Corporation 82802AC Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
Datasheet
35
Table 9.
Power Supply Specifications — All Interfaces
Symbol
Parameter
Conditions
Min.
Max.
Units
Notes
VPPH1
VPP voltage
3.0
3.6
V
VPPH2
VPP voltage
11.4
12.6
V
VPPLK
VPP lockout voltage
1.5
V
VLKO
VCC lockout voltage
1.5
V
ICCSL1
VCC stand-by current
(FWH interface)
Voltage range of all inputs is
VIH to VIL, FWH4 = VIH,
VCC = 3.6 V,
CLK f = 33 MHz
No internal operations in
progress.
100
µA
2,3,4
ICCSL2
VCC stand-by current
(FWH interface)
FWH4 = VIL
VCC = 3.6 V,
CLK f = 33 MHz
No internal operations in
progress.
10
mA
2,3,4
ICCA
VCC active current
VCC = VCC Max,
CLK f = 33 MHz
Any internal operation in
progress,
IOUT = 0mA
67
mA
2,3,5
IPPR
VPP read current
VPP ≥ VCC
200
µA
2
IPPWE
VPP program or
VPP = 3.0-3.6 V
40
mA
2
erase current
VPP = 11.4-12.6 V
15
mA
2
Note:
1. All currents are RMS, unless otherwise noted. These currents are valid for all packages.
2. V
PP = VCC
3. V
IH = 0.9 VCC , VIL = 0.1 VCC per the PCI output VOH and VOL specifications of Table 8.
4. This number is the worst case of I
PP + ICC memory core + ICC FWH interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com