Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82802AC Datasheet(PDF) 3 Page - Intel Corporation

Part # 82802AC
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AC Datasheet(HTML) 3 Page - Intel Corporation

  82802AC Datasheet HTML 1Page - Intel Corporation 82802AC Datasheet HTML 2Page - Intel Corporation 82802AC Datasheet HTML 3Page - Intel Corporation 82802AC Datasheet HTML 4Page - Intel Corporation 82802AC Datasheet HTML 5Page - Intel Corporation 82802AC Datasheet HTML 6Page - Intel Corporation 82802AC Datasheet HTML 7Page - Intel Corporation 82802AC Datasheet HTML 8Page - Intel Corporation 82802AC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
Datasheet
3
Contents
1.
Architectural Overview ................................................................................................................. 9
1.1.
Interface Overview........................................................................................................... 9
1.1.1.
Intel Firmware Hub Interface....................................................................... 10
1.1.2.
Address/Address-Multiplexed Interface ...................................................... 10
1.2.
Nonvolatile Flash Memory Core .................................................................................... 10
2.
Pinout Configurations................................................................................................................. 13
2.1.
Pin Descriptions............................................................................................................. 14
3.
Interface Operation Description .................................................................................................17
3.1.
Read
17
3.2.
Write
17
3.3.
Output Disable............................................................................................................... 17
3.4.
Reset
17
3.5.
Operational Effects of Hardware Write-Protect Pins TBL# and WP# ........................... 18
4.
Functional Descriptions.............................................................................................................. 19
4.1.
Read Array Command................................................................................................... 21
4.2.
Read Identifier Codes Command.................................................................................. 21
4.3.
Read Status Register Command................................................................................... 21
4.4.
Clear Status Register Command................................................................................... 21
4.5.
Block Erase Command ................................................................................................. 22
4.6.
Program Command....................................................................................................... 22
4.7.
Block Erase Suspend Command .................................................................................. 23
4.8.
Program Suspend Comand........................................................................................... 23
4.9.
Register Based Locking, General-Purpose Input, and Random Number Generator
Registers
23
4.9.1.
T_BLOCK_LK and T_MINUSxx_LK — Block-Locking Registers ............... 25
4.9.2.
General-Purpose Input Register ................................................................. 26
4.9.2.1.
GPI_REG — General-Purpose Input Register ............................... 26
4.9.3.
Random Number Generator Registers ....................................................... 27
4.9.3.1.
RNG Hardware Status Register ..................................................... 27
4.9.3.2.
RNG Data Status Register ............................................................. 27
4.9.3.3.
RNG Data Register......................................................................... 28
4.10.
Using the Random Number Generator ......................................................................... 28
4.11.
Detecting and Initializing the RNG Device..................................................................... 28
4.11.1.
Detecting the RNG Device .......................................................................... 28
4.11.2.
Initializing the RNG Device.......................................................................... 29
4.11.3.
Selecting Appropriate FWH IDs and Densities ........................................... 29
4.11.4.
Mapping FWH Devices onto Memory Map ................................................. 30
4.11.5.
Paging FWH Devices for Greater Than 4 MB of FWH Memory ................. 30
4.11.6.
Programming Multiple FWH Devices.......................................................... 30
4.12.
CUI Automation Flowcharts........................................................................................... 31
5.
Electrical Specifications ............................................................................................................. 33
5.1.
Absolute Maximum Ratings........................................................................................... 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com