Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82802AC Datasheet(PDF) 39 Page - Intel Corporation

Part # 82802AC
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AC Datasheet(HTML) 39 Page - Intel Corporation

Back Button 82802AC Datasheet HTML 35Page - Intel Corporation 82802AC Datasheet HTML 36Page - Intel Corporation 82802AC Datasheet HTML 37Page - Intel Corporation 82802AC Datasheet HTML 38Page - Intel Corporation 82802AC Datasheet HTML 39Page - Intel Corporation 82802AC Datasheet HTML 40Page - Intel Corporation 82802AC Datasheet HTML 41Page - Intel Corporation 82802AC Datasheet HTML 42Page - Intel Corporation 82802AC Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
Datasheet
39
Figure 9.
Input Timing Parameters
T_su
V_test
V_th
V_tl
CLK
FWH[3:0]
(Valid Input Data)
T_h
Inputs
Valid
V_max
Table 13.
Interface Measurement Condition Parameters
Symbol
Value
Units
Notes
Vth
0.6 VCC
V
1
Vtl
0.2 VCC
1
Vtest
0.4 VCC
Vmax
0.4 VCC
1
Input signal
edge rate
1 V/ns
Note:
1. The input test environment uses 0.1 VCC of overdrive over VIH and VIL. Timing parameters must
be met with no more overdrive than this. Vmax specifies the maximum peak-to-peak waveform
allowed for measuring the input timing. Production testing may use different voltage values, but
must correlate results back to these parameters.
Reset Operations
IH
V
IL
V
RST# (P)
P1
Table 14.
AC Waveform for Reset Operation
#
Symbol
Parameter
Min. Max. Unit
Notes
P1(1)
tPLPH
RST# or INIT# pulse low time (If RST# or INIT# is tied
to VCC, this specification is not applicable.)
100
ns
1
Note:
1. There will be a 20-
µs reset latency if a reset procedure is performed during a programming or
erase operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com