Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82802AC Datasheet(PDF) 34 Page - Intel Corporation

Part # 82802AC
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AC Datasheet(HTML) 34 Page - Intel Corporation

Back Button 82802AC Datasheet HTML 30Page - Intel Corporation 82802AC Datasheet HTML 31Page - Intel Corporation 82802AC Datasheet HTML 32Page - Intel Corporation 82802AC Datasheet HTML 33Page - Intel Corporation 82802AC Datasheet HTML 34Page - Intel Corporation 82802AC Datasheet HTML 35Page - Intel Corporation 82802AC Datasheet HTML 36Page - Intel Corporation 82802AC Datasheet HTML 37Page - Intel Corporation 82802AC Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
34
Datasheet
5.2.1.
Interface DC Input/Output Specifications
Table 8.
Intel FWH Interface DC Input/Output Specifications
Symbol
Parameter
Conditions
Min.
Max.
Units
Notes
VIH
Input high voltage
0.5 VCC
VCC +0.5
V
3
VIH (INIT#)
INIT# input high voltage
1.35
VCC +0.5
V
5
VIL
Input low voltage
-0.5
0.3 VCC
V
3
IIL
Input leakage current
0 < Vin < VCC
±10
µA
1,4
VOH
Output high voltage
Iout = -500
µA
0.9 VCC
V
VOL
Output low voltage
Iout = 1500
µA
0.1 VCC
V
CIN
Input pin capacitance
13
pF
CCLK
CLK pin capacitance
3
12
pF
Lpin
Recommended pin
inductance
20
nH
2
Note:
1. Input leakage currents include hi-Z output leakage for all bi-directional buffers with tri-state
outputs.
2. Refer to PCI spec.
3. Inputs are not “5 volt safe.”
4. IIL may be changed on IC and ID pins (up to 200
µµµµA), if pulled against internal pull-downs. Refer
to the pin descriptions (Table 1).
5. Do not violate processor or chipset specifications regarding the INIT# pin voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com