Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70353C Datasheet(PDF) 41 Page - Microchip Technology

Part # 70353C
Description  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C Datasheet(HTML) 41 Page - Microchip Technology

Back Button 70353C Datasheet HTML 37Page - Microchip Technology 70353C Datasheet HTML 38Page - Microchip Technology 70353C Datasheet HTML 39Page - Microchip Technology 70353C Datasheet HTML 40Page - Microchip Technology 70353C Datasheet HTML 41Page - Microchip Technology 70353C Datasheet HTML 42Page - Microchip Technology 70353C Datasheet HTML 43Page - Microchip Technology 70353C Datasheet HTML 44Page - Microchip Technology 70353C Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
© 2008-2011 Microchip Technology Inc.
DS70353C-page 21-41
Section 21. Enhanced Controller Area Network (ECAN™)
21
A code example to transmit an extended remote frame using message buffer 2 is shown in
Example 21-3.
Example 21-3:
Code Example for Transmitting Extended Remote Frame
#include <p33Exxxx.h>
/* This code example demonstrates a method to configure the ECAN module to transmit Extended ID
CAN Remote frames */
/* Include fuse configuration code here. Optionally, the fuse configuration can be specified
via MPLAB IDE Menu operations. */
FUSE_CONFIGURATION_MACROS_COME_HERE
#define NUM_OF_ECAN_BUFFERS 32
/* This is the ECAN message buffer declaration. Note the buffer alignment. */
unsigned int ecan1MsgBuf[NUM_OF_ECAN_BUFFERS][8]
__attribute__((aligned(NUM_OF_ECAN_BUFFERS * 16)));
int main(void)
{
unsigned long address;
/* Place code to set device speed here. For this example the device speed should be set at
40 MHz (i.e., the device is operating at 40 MIPS). */
ConfigureDeviceClockFor40MIPS();
/* The dsPIC33E device features I/O remap. This I/O remap configuration for the ECAN module can
be performed here. */
SetIORemapForECANModule();
/* Set up the ECAN1 module to operate at 250 kbps. The ECAN module should be first placed
in configuration mode. */
C1CTRL1bits.REQOP = 4;
while(C1CTRL1bits.OPMODE != 4);
C1CTRL1bits.WIN = 0;
/* Set up the CAN module for 250kbps speed with 10 Tq per bit. */
C1CFG1 = 0x47;
// BRP = 8 SJW = 2 Tq
C1CFG2 = 0x2D2;
C1FCTRL = 0xC01F; // No FIFO, 32 Buffers
/* Assign 32x8word Message Buffers for ECAN1 in device RAM. This example uses DMA0 for TX.
Refer to 21.8.1 “DMA Operation for Transmitting Data” for details on DMA channel
configuration for ECAN transmit. */
DMA0CONbits.SIZE = 0x0;
DMA0CONbits.DIR = 0x1;
DMA0CONbits.AMODE = 0x2;
DMA0CONbits.MODE = 0x0;
DMA0REQ = 70;
DMA0CNT = 7;
DMA0PAD = (volatile unsigned int)&C1TXD;
DMA0STAL = (unsigned int) &ecan1msgBuf;
DMA0STAH = (unsigned int) &ecan1msgBuf;
DMA0CONbits.CHEN = 0x1;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com