Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70353C Datasheet(PDF) 8 Page - Microchip Technology

Part # 70353C
Description  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C Datasheet(HTML) 8 Page - Microchip Technology

Back Button 70353C Datasheet HTML 4Page - Microchip Technology 70353C Datasheet HTML 5Page - Microchip Technology 70353C Datasheet HTML 6Page - Microchip Technology 70353C Datasheet HTML 7Page - Microchip Technology 70353C Datasheet HTML 8Page - Microchip Technology 70353C Datasheet HTML 9Page - Microchip Technology 70353C Datasheet HTML 10Page - Microchip Technology 70353C Datasheet HTML 11Page - Microchip Technology 70353C Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
dsPIC33E/PIC24E Family Reference Manual
DS70353C-page 21-8
© 2008-2011 Microchip Technology Inc.
21.3
ECAN REGISTERS
The ECAN module has a large number of Special Function Registers (SFRs) that are used to
configure the message acceptance filters and the message buffers. To enable effective use of
data RAM space, multiple sets of SFRs are mapped onto the same set of memory addresses.
The SFR Map Window Select bit (WIN) in ECAN Control Register 1 (CiCTRL1<0>) is used to
selectively access one of these sets of SFRs.
If CiCTRL1<0> = 1, the message acceptance filters, masks and filter buffer pointer registers are
accessed by the user application.
If CiCTRL1<0> = 0, the buffer control and status registers, and the transmit and receive data
registers are accessed by the user application.
21.3.1
ECAN Baud Rate Control Registers
• CiCFG1: ECAN Baud Rate Configuration Register 1
This register contains control bits to set the period of each time quantum (TQ), using the
baud rate prescaler, and specifies synchronization jump width in terms of time quanta (see
Register 21-1).
• CiCFG2: ECAN Baud Rate Configuration Register 2
This register is used to program the number of time quanta in each CAN bit segment,
including the propagation, and phase segments 1 and 2 (see Register 21-2).
21.3.2
ECAN Message Filter Registers
• CiFEN1: ECAN Acceptance Filter Enable Register
This register enables/disables acceptance filters 0-15 for message filtering (see
Register 21-3).
• CiRXFnSID: ECAN Acceptance Filter Standard Identifier Register n (n = 0-15)
These 16 registers specify the standard identifier (SID) for acceptance filters 0-15. The
identifier bits are selectively masked against the incoming message identifier to determine
if the message should be accepted or rejected (see Register 21-4). These registers are only
accessible by the user application when the WIN bit is set (CiCTRL1<0> = 1 = use buffer
window).
• CiRXFnEID: ECAN Acceptance Filter Extended Identifier Register n (n = 0-15)
These 16 registers specify the extended identifier (EID) for acceptance filters 0-15. The
identifier bits are selectively masked against the incoming message identifier to determine
if the message should be accepted or rejected (see Register 21-5). These registers are only
accessible by the user application when the WIN bit is set (CiCTRL1<0> = 1).
• CiRXMnSID: ECAN Acceptance Filter Mask Standard Identifier Register n (n = 0-2)
These three registers specify the SID mask bits for Acceptance Masks 0, 1 and 2. Any
acceptance filter can optionally select one of these mask registers to selectively compare
the identifier bits (see Register 21-6). These registers are only accessible by the user
application when the WIN bit is set (CiCTRL1<0> = 1).
• CiRXMnEID: ECAN Acceptance Filter Mask Extended Identifier Register n (n = 0-2)
There are three pairs of registers that specify Acceptance Mask bits for Mask 0, 1 and 2. Any
acceptance filter can optionally select one of the mask registers to selectively compare the
identifier bits (see Register 21-7). These registers are only accessible by the user
application when the WIN bit is set (CiCTRL1<0> = 1).
Note:
Each dsPIC33E/PIC24E family device variant may have one or more ECAN
modules. An ‘i’ used in the names of pins, control/status bits and registers denotes
the particular ECAN module number. Refer to the “Enhanced Controller Area
Network (ECAN™)” chapter in the specific device data sheet for the number of
available ECAN modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com