Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70353C Datasheet(PDF) 73 Page - Microchip Technology

Part # 70353C
Description  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C Datasheet(HTML) 73 Page - Microchip Technology

Back Button 70353C Datasheet HTML 68Page - Microchip Technology 70353C Datasheet HTML 69Page - Microchip Technology 70353C Datasheet HTML 70Page - Microchip Technology 70353C Datasheet HTML 71Page - Microchip Technology 70353C Datasheet HTML 72Page - Microchip Technology 70353C Datasheet HTML 73Page - Microchip Technology 70353C Datasheet HTML 74Page - Microchip Technology 70353C Datasheet HTML 75Page - Microchip Technology 70353C Datasheet HTML 76Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 73 / 76 page
background image
© 2008-2011 Microchip Technology Inc.
DS70353C-page 21-73
Section 21. Enhanced Controller Area Network (ECAN™)
21
21.16
REVISION HISTORY
Revision A (November 2008)
This is the initial released version of this document.
Revision B (March 2011)
This revision incorporates the following updates:
• Updated all DMA RAM references to device RAM
• Updated all time quanta clock (FTQ) references to time quantum frequency (FTQ)
• Updated all Remote Request Frame references to Remote Frame
• Updated all dsPIC33E references to dsPIC33E/PIC24E
•Buffers:
- Updated the bit value description for bit 1 and bit 0 in ECAN Message Buffer Word 0
- Updated the bit value description for bit 9 in ECAN Message Buffer Word 2
• Figures:
- Updated Figure 21-1
- Updated the label Message Buffer (DMA RAM) as Message Buffer (Device RAM) in
Figure 21-2
- Updated the logical value of SRR bit from ‘0’ to ‘1’ in Figure 21-5
- Removed “Figure 21-17: ECAN™ Message Buffer Memory Usage” in 21.8 “DMA
Controller Configuration”
- Updated the figure title for Figure 21-9
- Changed Baud Rate Prescaler input FCY to FCAN in Figure 21-17
- Updated Figure 21-18
•Examples:
- Updated Example 21-1 through Example 21-7 and Example 21-9
• Equations:
- Changed FCY to FCAN in Equation 21-3
• Notes:
- Added a note on setting the TXREQm bit in 21.6.1 “Message Transmission Flow”
- Deleted the following note in 21.6.1 “Message Transmission Flow”: Avoid setting
the TXREQ bit for a buffer that is configured for RX. Doing so can result in erroneous
operation
- Added a note in 21.6.3.2 “Respond to a Remote Frame”
- Added a note on 21.7.2.2 “Receiving Messages Into Message Buffers 0-7”
- Updated the entire note in Figure 21-14
- Added a note on DeviceNet Filtering feature in 21.7.5 “DeviceNet™ Filtering”
- Added a note that provides additional details on the highest priority CAN interrupt
condition in 21.11.3 “ECAN Event Interrupt”
- Updated the note on ECAN wake-up filter in 21.12.3 “Wake-up Functions”
•Registers:
- A general notes was added and FCY was changed to FCAN for the BRP<5:0> bit value
definitions in Register 21-1
- Updated the bit description for bit 15-13 in Register 21-18
- Added the CANCKS bit in Register 21-23
- Updated the bit value description for bit 2 in Register 21-25
• Sections:
- Updated the Message Reception key feature in 21.1 “Introduction”
- Removed the following frame type from the list of CAN bus protocol supports four
frame types, in 21.2 “CAN Message Formats”: Interframe Space – provides a
separation between successive frames
- Updated 21.1.2 “Message Buffers” and 21.1.3 “DMA Controller”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com