Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70353C Datasheet(PDF) 56 Page - Microchip Technology

Part # 70353C
Description  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C Datasheet(HTML) 56 Page - Microchip Technology

Back Button 70353C Datasheet HTML 52Page - Microchip Technology 70353C Datasheet HTML 53Page - Microchip Technology 70353C Datasheet HTML 54Page - Microchip Technology 70353C Datasheet HTML 55Page - Microchip Technology 70353C Datasheet HTML 56Page - Microchip Technology 70353C Datasheet HTML 57Page - Microchip Technology 70353C Datasheet HTML 58Page - Microchip Technology 70353C Datasheet HTML 59Page - Microchip Technology 70353C Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 76 page
background image
dsPIC33E/PIC24E Family Reference Manual
DS70353C-page 21-56
© 2008-2011 Microchip Technology Inc.
21.7.5.1 FILTER COMPARISONS
Table 21-3 shows the filter comparisons configured by the DNCNT<4:0> control bits
(CiCTRL2<4:0>). For example, if DNCNT<4:0> = 00011, a message in which only the 11-bit SID
matches the SID acceptance filter (SID<10:0>), and bits 7, 6 and 5 of Data Byte 0 match the EID
filter (EID<2:0>) is accepted.
21.7.5.2 SPECIAL CASES
There may be special cases when the message contains fewer data bits than are called for by
the DeviceNet filter configuration:
• Case 1 – If DNCNT<4:0> is greater than 18, indicating that the user application selected a
number of bits greater than the total number of EID bits, the filter comparison terminates
with the 18th bit of the data (bit 6 of data byte 2). If the SID and all 18 data bits match, the
message is accepted.
• Case 2 – If DNCNT<4:0> is greater than 16, and the received message DLC is 2 (indicat-
ing a payload of two data bytes), the filter comparison terminates with the 16th bit of data
(bit 0 of data byte 1). If the SID and all 16 bits match, the message is accepted.
• Case 3 – If DNCNT<4:0> is greater than 8, and the received message has DLC = 1
(indicating a payload of one data byte), the filter comparison terminates with the 8th bit of
data (bit 0 of data byte 0). If the SID and all 8 bits match, the message is accepted.
• Case 4 – If DNCNT<4:0> is greater than 0, and the received message has DLC = 0,
indicating no data payload, the filter comparison terminates with the SID. If the SID
matches, the message is accepted.
Table 21-3:
DeviceNet™ Filter Bit Configurations
DeviceNet™ Filter
Configuration
(DNCNT<4:0>)
Received Message Data Bits to be Compared
(Byte<bits>)
EID Bits Used for
Acceptance
Filter
00000
No comparison
No comparison
00001
Data Byte 0<7>
EID<17>
00010
Data Byte 0<7:6>
EID<17:16>
00011
Data Byte 0<7:5>
EID<17:15>
00100
Data Byte 0<7:4>
EID<17:14>
00101
Data Byte 0<7:3>
EID<17:13>
00110
Data Byte 0<7:2>
EID<17:12>
00111
Data Byte 0<7:1>
EID<17:11>
01000
Data Byte 0<7:0>
EID<17:10>
01001
Data Byte 0<7:0> and Data Byte 1<7>
EID<17:9>
01010
Data Byte 0<7:0> and Data Byte 1<7:6>
EID<17:8>
01011
Data Byte 0<7:0> and Data Byte 1<7:5>
EID<17:7>
01100
Data Byte 0<7:0> and Data Byte 1<7:4>
EID<17:6>
01101
Data Byte 0<7:0> and Data Byte 1<7:3>
EID<17:5>
01110
Data Byte 0<7:0> and Data Byte 1<7:2>
EID<17:4>
01111
Data Byte 0<7:0> and Data Byte 1<7:1>
EID<17:3>
10000
Data Byte 0<7:0> and Data Byte 1<7:0>
EID<17:2>
10001
Byte 0<7:0> and Byte 1<7:0> and Byte 2<7>
EID<17:1>
10010
Byte 0<7:0> and Byte 1<7:0> and Byte 2<7:6>
EID<17:0>
10011
•
•
•
11111
Invalid Selection
Invalid Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com