Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70353C Datasheet(PDF) 9 Page - Microchip Technology

Part # 70353C
Description  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C Datasheet(HTML) 9 Page - Microchip Technology

Back Button 70353C Datasheet HTML 5Page - Microchip Technology 70353C Datasheet HTML 6Page - Microchip Technology 70353C Datasheet HTML 7Page - Microchip Technology 70353C Datasheet HTML 8Page - Microchip Technology 70353C Datasheet HTML 9Page - Microchip Technology 70353C Datasheet HTML 10Page - Microchip Technology 70353C Datasheet HTML 11Page - Microchip Technology 70353C Datasheet HTML 12Page - Microchip Technology 70353C Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
© 2008-2011 Microchip Technology Inc.
DS70353C-page 21-9
Section 21. Enhanced Controller Area Network (ECAN™)
21
• CiFMSKSEL1: ECAN Filter 7-0 Mask Selection Register
This register is used with CiFMSKSEL2 to select the Acceptance mask for acceptance
filter 0-7 (see Register 21-8).
• CiFMSKSEL2: ECAN Filter 15-8 Mask Selection Register
This register is used with CiFMSKSEL1 to select the Acceptance mask for acceptance
filter 8-15 (see Register 21-9).
• CiBUFPNT1: ECAN Filter 0-3 Buffer Pointer Register
This register is used to specify the message buffer to be used for storing messages
accepted by acceptance filters 0-3 (see Register 21-10). This register is only accessible by
the user application when the WIN bit is set (CiCTRL1<0> = 1).
• CiBUFPNT2: ECAN Filter 4-7 Buffer Pointer Register
This register is used to specify the message buffer to be used for storing messages
accepted by acceptance filters 4-7 (see Register 21-11). This register is only accessible by
the user application when the WIN bit is set (CiCTRL1<0> = 1).
• CiBUFPNT3: ECAN Filter 8-11 Buffer Pointer Register
This register is used to specify the message buffer to be used for storing messages
accepted by acceptance filters 8-11 (see Register 21-12). This register is only accessible by
the user application when the WIN bit is set (CiCTRL1<0> = 1).
• CiBUFPNT4: ECAN Filter 12-15 Buffer Pointer Register
This register is used to specify the message buffer to be used for storing messages
accepted by acceptance filters 12-15 (see Register 21-13). This register is only accessible
by the user application when the WIN bit is set (CiCTRL1<0> = 1).
21.3.3
ECAN Message Buffer Status Registers
• CiRXFUL1: ECAN Receive Buffer Full Register 1
Paired with CiRXFUL2, this register indicates the buffer full status for message buffers 0-31.
When a received message is stored into a message buffer, the respective buffer full flag is
set (see Register 21-14). This register is only accessible by the user application when the
WIN bit is cleared (CiCTRL1<0> = 0).
• CiRXFUL2: ECAN Receive Buffer Full Register 2
Paired with CiRXFUL1, this register indicates the buffer full status for message buffers 0-31.
When a received message is stored into a message buffer, the respective buffer full flag is
set (see Register 21-15). This register is only accessible by the user application when the
WIN bit is cleared (CiCTRL1<0> = 0).
• CiRXOVF1: ECAN Receive Buffer Overflow Register 1
Paired with CiRXOVF2, this register indicates the overflow status for message buffers 0-31.
When a received message is stored into a message buffer and the respective buffer full flag
is set, the message is lost, and the respective buffer overflow flag is set (see
Register 21-16). This register is only accessible by the user application when the WIN bit is
cleared (CiCTRL1<0> = 0).
• CiRXOVF2: ECAN Receive Buffer Overflow Register 2
Paired with CiRXOVF1, this register indicates the overflow status for message buffers 0-31.
When a received message is stored into a message buffer and the respective buffer full flag
is set, the message is lost, and the respective buffer overflow flag is set (see
Register 21-17). This register is only accessible by the user application when the WIN bit is
cleared (CiCTRL1<0> = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com