Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70353C Datasheet(PDF) 2 Page - Microchip Technology

Part # 70353C
Description  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C Datasheet(HTML) 2 Page - Microchip Technology

  70353C Datasheet HTML 1Page - Microchip Technology 70353C Datasheet HTML 2Page - Microchip Technology 70353C Datasheet HTML 3Page - Microchip Technology 70353C Datasheet HTML 4Page - Microchip Technology 70353C Datasheet HTML 5Page - Microchip Technology 70353C Datasheet HTML 6Page - Microchip Technology 70353C Datasheet HTML 7Page - Microchip Technology 70353C Datasheet HTML 8Page - Microchip Technology 70353C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
dsPIC33E/PIC24E Family Reference Manual
DS70353C-page 21-2
© 2008-2011 Microchip Technology Inc.
21.1
INTRODUCTION
The dsPIC33E/PIC24E Enhanced Controller Area Network (ECAN™) module implements the
CAN Specification 2.0B, which is used primarily in industrial and automotive applications. This
asynchronous serial data communication protocol provides reliable communications in an
electrically noisy environment. Figure 21-1 illustrates a typical CAN bus topology.
Figure 21-1:
Typical CAN Bus Network
The ECAN module supports the following key features:
• Standards Compliance:
- Full CAN 2.0B compliance
- Programmable bit rate up to 1 Mbps
• Message Reception:
- 32 message buffers – all of which can be used for reception
- 16 acceptance filters for message filtering
- Three acceptance filter mask registers for message filtering
- Automatic response to Remote Frame
- Up to 32-message deep First-In-First-Out (FIFO) buffer
- DeviceNet™ addressing support
- Direct Memory Access (DMA) interface for message reception
• Message Transmission:
- Eight message buffers configurable for message transmission
- User-defined priority levels for message buffers used for transmission
- DMA interface for message transmission
• Other Features:
- Loopback, Listen All Messages and Listen-Only modes for self-test, system
diagnostics and bus monitoring
- Low-power operating modes
Note:
This family reference manual section is meant to serve as a complement to device
data sheets. Depending on the device variant, this manual section may not apply to
all dsPIC33E/PIC24E devices.
Please consult the note at the beginning of the “Enhanced Controller Area
Network (ECAN™)” chapter in the current device data sheet to check whether this
document supports the device you are using.
Device data sheets and family reference manual sections are available for
download from the Microchip Worldwide Web site at: http://www.microchip.com
CAN
Bus
ECANi
PIC® MCU
with Integrated
ECAN
CAN
Transceiver
dsPIC33F/PIC24H
with Integrated
ECAN™
dsPIC30F
with Integrated
CAN
Transceiver
CAN
Transceiver
CAN
Transceiver
CAN
dsPIC33E/PIC24E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com