Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA306B Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASA306B
Description  50 ~ 1200 MHz Gain Adjustable Trans-impedance Amplifier MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASA306B Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASA306B Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
ASB Inc.
 sales@asb.co.kr
January 2015
ASA306B
2. Summary on Product Performances
2.1 Typical Performance
Supply voltage = +5 V, TA = +25
C, ZO = 75 
1) Vctrl can be adjusted by R21, R22, and R23 in the application circuit.
2) OMI = 3.5 %, for Pout = 86 dB
V, 541.25 MHz of NTSC 79 channels in the optical input range of -7 ~ +1 dBm.
2.2 Product Specification
Supply voltage = +5 V, TA = +25
C, ZO = 75 
Parameter
Min
Typ
Max
Unit
Frequency
541.25
MHz
Gain
38
dB
Output Return Loss
-15
dB
Current Consumption
290
mA
2.3 Application Block Diagram
Parameters
Test Conditions
Min
Typ
Max
Units
Frequency
50
1200
MHz
Gain (W/O Atten)
541.25 MHz, Vctrl = 0.0 V
38
dB
Gain Adjustable Range
Over Vctrl = 0.0 ~ 4.3 V1)
20
dB
Gain Flatness
50 ~ 1200 MHz, over Vctrl = 0.0 ~ 4.3 V
 1.2
dB
Output Return Loss
50 ~ 1200 MHz, over Vctrl = 0.0 ~ 4.3 V
-15
dB
EIN
50 ~ 1200 MHz, Vctrl = 0.0 V
3.1
pA/rtHz
CN
541.25 MHz, Optical input -5 dBm
48
dBc
CSO2)
57
dBc
CTB2)
53
dBc
XMOD2)
55
Current Consumption
Vdevice = +5 V
290
330
mA
Voltage
Controlled
Attenuator
TIA
Matching
Circuit
Amp.
Matching
Circuit
ASA306B
Vdevice
Attenuation
Control Voltage
(VCtrl)
1 : 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com