Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA306B Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASA306B
Description  50 ~ 1200 MHz Gain Adjustable Trans-impedance Amplifier MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASA306B Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASA306B Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
ASB Inc.
 sales@asb.co.kr
January 2015
ASA306B
Bill of Material, Vctrl = 0.0 ~ 4.3 V1) (adjustable)
Symbol
Size
Value
Manufacturer
Symbol
Size
Value
Manufacturer
ASA306B
-
-
ASB
R19
1608
62
SAMSUNG
C5, C17
1005
3.3 pF
MURATA
R231)
1005
2.2 k
SAMSUNG
C2, C4, C6, C8, C9, C10, C14,
C16, C18, C20, C21, C22, C28
1005
1
F
MURATA
R221), R27
1005
3 k
SAMSUNG
R211)
1005
750
SAMSUNG
C1, C12, C13, C24, C29
1608
1
F
MURATA
R24
1005
7.8 k
SAMSUNG
C7, C19
1005
0.75 pF
MURATA
R202), R252)
1005
3.3 k
MURATA
C26
1608
1.5 pF
MURATA
L5, L12
1005
2.7 nH
MURATA
C27
1608
0.5 pF
MURATA
L18
1608
27nH
MURATA
C25
1608
1 pF
MURATA
L1, L8
1005
5.6 nH
MURATA
C3, C11, C15, C23, C30
2012
10
F
MURATA
L4, L11
1005
15 nH
MURATA
R2, R8
1608
0
SAMSUNG
L2, L9
1005
39 nH
MURATA
R3, R9
1005
33
SAMSUNG
L3, L10
1608
680 nH
SAMSUNG
R13, R14
1005
82
SAMSUNG
L7, L14
3216
1
H
MURATA
R6, R12, R15, R16
1005
200
SAMSUNG
L6, L13
1005
47 nH
MURATA
R4, R10
1005
100

SAMSUNG
L16
1608
12 nH
MURATA
R26
1005
0
SAMSUNG
L15, L17
1608
4.7 nH
MURATA
R28, R29
1005
1 k
SAMSUNG
L193), L203), L213), L223)
1005
Ferrite Bead
MURATA
R1, R5, R7, R11
1005
1.2 k
SAMSUNG
T14)
SM-164
1 : 1
MACOM
R17, R18
1608
18
SAMSUNG
1) Vctrl adjusting resistors. ex) For Vctrl = 0.0 ~ 3.3 V, R21 = 390
R22 = 4.3 kand R23 = 3.9 k
2) NCP15XQ332J03RC
3) BLM15HD182SN
4) MABACT0040
(Intentionally Blanked)
2. Gain
1. Gain Flatness with Vc



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com