Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA306B Datasheet(PDF) 7 Page - Advanced Semiconductor Business Inc.

Part # ASA306B
Description  50 ~ 1200 MHz Gain Adjustable Trans-impedance Amplifier MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASA306B Datasheet(HTML) 7 Page - Advanced Semiconductor Business Inc.

  ASA306B Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
ASB Inc.
 sales@asb.co.kr
January 2015
ASA306B
0
200
400
600
800
1000
1200
Frequency (MHz)
0
1
2
3
4
5
6
-40 °C
25 °C
85 °C
0
200
400
600
800
1000
1200
Frequency (MHz)
-3
-2
-1
0
1
2
3
Vctrl = 0 V
Vctrl = 3.05 V
Vctrl = 3.24 V
Vctrl = 3.34 V
Vctrl = 3.43 V
Vctrl = 3.49 V
Vctrl = 3.55 V
Vctrl = 3.61 V
Vctrl = 3.66 V
Vctrl = 3.71 V
Vctrl = 3.76 V
Vctrl = 3.80 V
Vctrl = 3.84 V
Vctrl = 3.89 V
Vctrl = 3.93 V
Vctrl = 3.97 V
Vctrl = 4.02 V
Vctrl = 4.07 V
Vctrl = 4.11 V
Vctrl = 4.17 V
Vctrl = 4.21 V
Vctrl = 0 V
Vctrl = 4.21 V
0
200
400
600
800
1000
1200
Frequency (MHz)
-3
-2
-1
0
1
2
3
Vctrl = 0 V
Vctrl = 2.07 V
Vctrl = 2.51 V
Vctrl = 2.71 V
Vctrl = 2.84 V
Vctrl = 2.95 V
Vctrl = 3.05 V
Vctrl = 3.14 V
Vctrl = 3.22 V
Vctrl = 3.30 V
Vctrl = 3.38 V
Vctrl = 3.45 V
Vctrl = 3.53 V
Vctrl = 3.61 V
Vctrl = 3.69 V
Vctrl = 3.77 V
Vctrl = 3.86 V
Vctrl = 3.95 V
Vctrl = 4.04 V
Vctrl = 4.14 V
Vctrl = 4.25 V
Vctrl = 0 V
Vctrl = 4.25 V
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
150
200
250
300
350
400
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
0
10
20
30
40
50
60
@ 541.25 MHz
0
1
2
3
4
5
Vctrl (V)
0
5
10
15
20
25
-40 °C
25 °C
85 °C
@ 541.25 MHz
3.3 Plots of Performances with Temperature, Vctrl = 0.0 ~ 4.3 V
Gain Flatness Deviation @ -40
C
Gain Flatness Deviation @ 85
C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com