Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA306B Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASA306B
Description  50 ~ 1200 MHz Gain Adjustable Trans-impedance Amplifier MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASA306B Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASA306B Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
ASB Inc.
 sales@asb.co.kr
January 2015
ASA306B
1. Product Overview
1.1 General Description
ASA306B, a trans-impedance amplifier (TIA) with voltage controlled attenuator, has a high linearity and
low noise over a wide range of frequency up to 1.2 GHz, being suitable for use in the FTTH, optical
receiver, distribution amplifiers, and drop-in amplifiers of CATV systems. The amplifier is available in a
QFN24 plastic encapsulated package and passes through the stringent DC, RF, and reliability tests.
1.2 Features
 Operating Frequency at 50 ~ 1200 MHz
 Optical Input from -7 dBm to +1 dBm
 EIN: 3.1 pA/rtHz
 Trans-impedance Gain Adjustable from 38 dB to 18 dB @ Vctrl = 0.0 ~ 4.3 V (adjustable)
 Gain Flatness: ±1.2 dB over Vctrl = 0.0 ~ 4.3 V and 50 ~ 1200 MHz
 Output Power: 86 dBV @ NTSC 79 channels
 Single +5 V, 290 mA
1.3 Applications
 FTTH
 Optical Receiver
 Distribution Amplifier
 Drop-in Amplifier
1.4 Package Profile & RoHS Compliance
QFN24, 4x4 mm2, surface mount
RoHS-compliant
ASA306B Data Sheet
50 ~ 1200 MHz Gain Adjustable Trans-impedance Amplifier MMIC


Similar Part No. - ASA306B

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASA303A ASB-ASA303A Datasheet
825Kb / 9P
50 ~ 1200 MHz Gain Adjustable Trans-impedance Amplifier MMIC
June 2014
More results

Similar Description - ASA306B

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7427B TRIQUINT-TAT7427B Datasheet
319Kb / 7P
High Gain RF Amplifier, 75 廓, 50-1200 MHz
logo
Advanced Semiconductor ...
AWG3015 ASB-AWG3015 Datasheet
728Kb / 15P
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
June 2014
AWG3020 ASB-AWG3020 Datasheet
750Kb / 15P
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
April 2014
AWG3023 ASB-AWG3023 Datasheet
668Kb / 13P
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
April 2014
ASA303A ASB-ASA303A Datasheet
825Kb / 9P
50 ~ 1200 MHz Gain Adjustable Trans-impedance Amplifier MMIC
June 2014
logo
TriQuint Semiconductor
TAT7427B TRIQUINT-TAT7427B_15 Datasheet
319Kb / 7P
High Gain RF Amplifier, 75, 50-1200 MHz
logo
Advanced Semiconductor ...
ABB2513 ASB-ABB2513 Datasheet
571Kb / 8P
50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABB2516 ASB-ABB2516 Datasheet
574Kb / 8P
50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
AWG3017 ASB-AWG3017_17 Datasheet
973Kb / 21P
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
logo
Qorvo, Inc
TAT7427B QORVO-TAT7427B Datasheet
319Kb / 7P
High Gain RF Amplifier, 75 , 50-1200 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com