Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA306B Datasheet(PDF) 6 Page - Advanced Semiconductor Business Inc.

Part # ASA306B
Description  50 ~ 1200 MHz Gain Adjustable Trans-impedance Amplifier MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASA306B Datasheet(HTML) 6 Page - Advanced Semiconductor Business Inc.

  ASA306B Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
ASB Inc.
 sales@asb.co.kr
January 2015
ASA306B
0
200
400
600
800
1000
1200
Frequency (MHz)
-3
-2
-1
0
1
2
3
Vctrl = 0 V
Vctrl = 2.65 V
Vctrl = 2.92 V
Vctrl = 3.06 V
Vctrl = 3.18 V
Vctrl = 3.27 V
Vctrl = 3.35 V
Vctrl = 3.42 V
Vctrl = 3.50 V
Vctrl = 3.56 V
Vctrl = 3.62 V
Vctrl = 3.68 V
Vctrl = 3.75 V
Vctrl = 3.81 V
Vctrl = 3.87 V
Vctrl = 3.93 V
Vctrl = 4.00 V
Vctrl = 4.06 V
Vctrl = 4.13 V
Vctrl = 4.20 V
Vctrl = 4.28 V
Vctrl = 0 V
Vctrl = 4.28 V
0
200
400
600
800
1000
1200
Frequency (MHz)
-40
-30
-20
-10
0
Vctrl = 0 V
Vctrl = 2.65 V
Vctrl = 2.92 V
Vctrl = 3.06 V
Vctrl = 3.18 V
Vctrl = 3.27 V
Vctrl = 3.35 V
Vctrl = 3.42 V
Vctrl = 3.50 V
Vctrl = 3.56 V
Vctrl = 3.62 V
Vctrl = 3.68 V
Vctrl = 3.75 V
Vctrl = 3.81 V
Vctrl = 3.87 V
Vctrl = 3.93 V
Vctrl = 4.00 V
Vctrl = 4.06 V
Vctrl = 4.13 V
Vctrl = 4.20 V
Vctrl = 4.28 V
Vctrl = 0 V
Vctrl = 4.28 V
0
200
400
600
800
1000
1200
Frequency (MHz)
10
15
20
25
30
35
40
45
Vctrl = 0 V
Vctrl = 2.65 V
Vctrl = 2.92 V
Vctrl = 3.06 V
Vctrl = 3.18 V
Vctrl = 3.27 V
Vctrl = 3.35 V
Vctrl = 3.42 V
Vctrl = 3.50 V
Vctrl = 3.56 V
Vctrl = 3.62 V
Vctrl = 3.68 V
Vctrl = 3.75 V
Vctrl = 3.81 V
Vctrl = 3.87 V
Vctrl = 3.93 V
Vctrl = 4.00 V
Vctrl = 4.06 V
Vctrl = 4.13 V
Vctrl = 4.20 V
Vctrl = 4.28 V
Vctrl = 0 V
Vctrl = 4.28 V
-8
-6
-4
-2
0
2
Popt IN (dBm)
46
50
54
58
62
66
70
74
55.25 MHz
121.25 MHz
331.25 MHz
541.25 MHz
-8
-6
-4
-2
0
2
Popt IN (dBm)
40
44
48
52
56
60
64
68
72
55.25 MHz
121.25 MHz
331.25 MHz
541.25 MHz
-8
-6
-4
-2
0
2
Popt IN (dBm)
44
48
52
56
60
64
68
72
76
55.25 MHz
121.25 MHz
331.25 MHz
541.25 MHz
3.2 Plots of Performances, Vctrl = 0.0 ~ 4.3 V
`
`



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com