Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA306B Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASA306B
Description  50 ~ 1200 MHz Gain Adjustable Trans-impedance Amplifier MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASA306B Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASA306B Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASA306B Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/9
ASB Inc.
 sales@asb.co.kr
January 2015
ASA306B
3. Application: 50 ~ 1200 MHz
3.1 Application Circuit & Evaluation Board
* Note: C28 must be placed to Pin10(Vctrl) as close as possible.
PCB Gerber and DXF File can be downloaded.
C1
C2
C3
C5
C4
C8
C9
C10
C11
C12
C13
C14
C15
C17
C16
C20
C21
C22
C23
C24
L1
L2
L3
L8
L9
L10
L11
L14
R1
R3
R2
R5
R7
R9
R8
R20
R11
R13
R14
R15
R16
R17
R18
R19
C7
C19
L7
L15
L4
L6
R6
L13
R12
C18
L17
C6
C30
L19
L22
R28
R29
L16
C26
R4
R10
C27
L18
R24
L20
L21
C25
R21
R22
R27
R25
C29
C28
L12
L5
R26
R23
ASA306B
Vdevice = +5 V
Vdevice = +5 V
Vctrl
RF OUT
1 : 1
T1
Vdiode = +12 V
OUT
Vctrl
Vdevice
1:1
http://www.asb.co.kr
GND
GND
ASB Inc.
Transformer
ASA306B
Vdevice
Cathode
Photodiode
Vdiode
EB-QFN24-4X4-B18
GND
Anode
GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com