Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4702 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE4702
Description  2 Cell Li-ion Battery Charger IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4702 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE4702 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ACE4702
2 Cell Li-ion Battery Charger IC
VER 1.1
2
Absolute Maximum Ratings
Parameter
Max
Unit
Voltage from VCC, VG, DRV, CHRG, DONE to GND
-0.3 ~ 30
V
Voltage from CSP, BAT to GND
-0.3 ~ 28
V
Voltage from COM3 to GND
6.5
V
Voltage from Other Pins to GND
-0.3 ~
VCOM3+0.3
V
Storage Temperature
-65 ~ 150
Operating Ambient Temperature
-40 ~ 85
Lead Temperature (Soldering, 10 seconds)
300
Stresses beyond those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of the specifications is not implied. Exposure to Absolute Maximum Rating Conditions for extended periods may affect
device reliability.
Packaging Type
TSSOP-16
TSSOP-16
Description
Function
1
VG
Internal Voltage Regulator. VG internally supplies power to gate driver,
connect a 100nF capacitor between VG pin and VCC pin.
2
PGND
Power Ground.
3
GND
Analog Ground.
4
CHRG
Open-Drain Output. When the battery is being charged, this pin is pulled low
by an internal switch. Otherwise this pin is in high impedance state.
5
DONE
Open-Drain Output. When the charging is terminated, this pin is pulled low
by an internal switch. Otherwise this pin is in high impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com