Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4702 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4702
Description  2 Cell Li-ion Battery Charger IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4702 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4702 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ACE4702
2 Cell Li-ion Battery Charger IC
VER 1.1
1
Description
The ACE4702 is a PWM switch-mode lithium ion battery charger controller for 2 cell li-ion battery in a
small package using few external components.
The ACE4702 is specially designed for charging lithium ion battery with constant current and constant
voltage mode. In constant voltage mode, the regulation voltage is fixed at 8.4V with ±1% accuracy. The
constant charging current is programmable with a single sense resistor.
Deeply discharged batteries are automatically trickle charged at 15% of the programmed constant
charging current until the cell voltage exceeds 2.8V/cell. The charge cycle is terminated once the charging
current drops to a level set by an on-chip resistor and an external resistor, and a new charge cycle
automatically restarts if the battery voltage falls below 4V/cell. ACE4702 will automatically enter sleep
mode when input voltage is lower than battery voltage.
Other features include undervoltage lockout, battery temperature monitoring and status indication, etc.
ACE4702 is available in a space-saving 16-pin TSSOP package.
Features
• Wide Input Voltage: 7.5V to 28V
• Complete Charger Controller for 2 cell Lithium-ion Battery
• Charge Current Up to 5A
• High PWM Switching Frequency: 300KHz
• Constant Charging Voltage Accuracy: ±1%
• Charging Current is programmed with a sense resistor
• Automatic Conditioning of Deeply Discharged Batteries
• End-of-Charge Current can be set by an external resistor
• Battery Temperature Monitoring
• Automatic Recharge
• Charger Status Indication
• Soft Start
• Battery Overvoltage Protection
• Operating Ambient Temperature
• -40℃ to +85℃
• Available in 16 pin TSSOP Package
• Pb-free, RoHS Compliant, and Halogen Free
Application
• Portable DVD, Walkie-Talkie
• Notebook Computers
• Battery-Backup Systems
• Portable Industrial and Medical Equipment
• Standalone Battery Chargers


Similar Part No. - ACE4702

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4703 ACE-ACE4703 Datasheet
871Kb / 15P
Fully 5A, 3cell Standalone Li-ion Battery Charger
VER 1.2
ACE4704 ACE-ACE4704 Datasheet
889Kb / 15P
Fully 5A, 4cell Standalone Li-ion Battery Charger
VER 1.2
More results

Similar Description - ACE4702

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
logo
Torex Semiconductor
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
XC6801 TOREX-XC6801_15 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
logo
Shanghai Consonance Ele...
CN3762 CONSONANCE-CN3762 Datasheet
211Kb / 11P
Standalone 2-Cell Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com