Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4702 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE4702
Description  2 Cell Li-ion Battery Charger IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4702 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE4702 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ACE4702
2 Cell Li-ion Battery Charger IC
VER 1.1
3
6
TEMP
Battery Temperature Monitoring Input. Connect an NTC resistor from this pin
to GND.
7
EOC
End-of-Charge Current Setting Pin. Connect this pin to GND directly or via a
resistor.
8
COM 1
Loop Compensation Input 1. Connect a 470pF capacitor from this pin to
GND.
9
COM 2
Loop Compensation Input 2. Connect a 220nF capacitor in series with an
120Ω resistor from this pin to GND.
10
test
Test pin. Connected this pin to GND
11
COM 3
Loop Compensation Input 3. Connect an 100nF capacitor from this pin to
GND.
12
NC
No Connection
13
CSP
Positive Input for Charging Current Sensing. This pin and the BAT pin
measure the voltage drop across the sense resistor RCS to provide the
current signals required.
14
BAT
Battery Voltage Sensing Input and the Negative Input for Charging Current
Sensing. A precision divider sets the regulation voltage on this pin in
constant voltage mode.
15
VCC
External DC Power Supply Input. VCC is also the power supply for internal
circuit. Bypass this pin with a capacitor.
16
DRV
Drive the gate of external P-channel MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com