Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4702 Datasheet(PDF) 12 Page - ACE Technology Co., LTD.

Part # ACE4702
Description  2 Cell Li-ion Battery Charger IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4702 Datasheet(HTML) 12 Page - ACE Technology Co., LTD.

Back Button ACE4702 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 15Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ACE4702
2 Cell Li-ion Battery Charger IC
VER 1.1
12
Diode Selection
The diodes D1 and D2 in Figure 1 are schottky diode, the current rating of the diodes should be at least
the charge current limit, the voltage rating of the diode should exceed the maximum expected input
voltage. The diode that is much larger than that is sufficient can result in larger transition losses due to
their larger junction capacitance.
Disable Charging with TEMP Pin
The charging can be disable with TEMP pin, as shown in Figure3:
Figure3 Disable Charging Whth TEMP Pin
When control signal is high, N-channel MOSFET M1 is turned on, the voltage at TEMP pin is pulled
down to GND, which will disable the charging;
When control signal is low, N-channel MOSFET is turned off, the voltage at TEMP pin is determined by
NTC thermistor, which performs normal battery temperature monitoring function.
About Battery Current in Sleep Mode
In the typical application circuit shown in Figure 1, when input voltage is powered off or lower than
battery voltage, ACE4702 will enter sleep mode. In sleep mode, the battery current includes:
(1) The current into BAT pin and CSP pin, which is about 14uA(VBAT=8.4V).
(2) The current from battery to VCC pin via diode D1, which is determined by D1’s leakage current.
The current will charge capacitance C1 at VCC pin, which will make VCC voltage a bit higher. To avoid
erratic operation, a resistor in parallel with capacitance C1 may be needed to discharge the
capacitance, the
resistor value is determined by diode D1’s leakage, generally speaking, a 20KΩ
resistor can achieve the task.
The current from battery to GND via diode D2, which is also determined by D2’s leakage current.
ACE4702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com