Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4702 Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE4702
Description  2 Cell Li-ion Battery Charger IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4702 Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE4702 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 13Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ACE4702
2 Cell Li-ion Battery Charger IC
VER 1.1
9
quickly, then the BAT pin’s voltage decays slowly to recharge threshold because of low leakage current at
BAT pin, which results in ripple waveform at BAT pin, in the meantime, CHRG pin outputs a pulse to
indicate that the battery’s absence. The pulse’s frequency is around 10Hz when a 10uF output capacitor
is used.
The open drain status output that is not used should be tied to ground.
The table 1 lists the two indicator status and its corresponding charging status. It is supposed that red
LED is connected to CHRG pin and green LED is connected to DONE pin.
CHRG Pin
DONE pin
State Description
Low (The red LED on)
High Impedance (the green
LED off)
Charging
High Impedance (the red
LED off)
Low (the green LED on)
Charging termination
Pulse signal
Pulse signal
Battery not connected
High Impedance (the red
LED off)
High Impedance (the green
LED off)
There are three possible state:
* The voltage at the VCC pin below the
UVLO level
 * The voltage at the VCC pin
below VBAT or
 * abnormal battery’s temp
Table 1 Indication Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com