Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4702 Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE4702
Description  2 Cell Li-ion Battery Charger IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4702 Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE4702 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ACE4702
2 Cell Li-ion Battery Charger IC
VER 1.1
6
DRV Pin
VDRV High (VCC-VDRV)
VH
IDRV=-10mA
60
mV
VDRV Low (VCC-VDRV)
VL
IDRV=0mA
5.8
V
Rise Time
tr
Cload=2nF, 10% to
90%
30
40
65
ns
Fall Time
tf
Cload=2nF, 90% to
10%
30
40
65
ns
Note 1: VOC is the regulation voltage at BAT pin in constant voltage mode
Detailed Description
The ACE4702 is a constant current, constant voltage Li-Ion battery charger controller that adopts PWM
step-down (buck) switching architecture. The charge current is set by an external sense resistor (RCS)
across the CSP and BAT pins. The final battery regulation voltage in constant voltage mode is internally
set to 8.4V for ACE4702 with 1% accuracy.
A charge cycle begins when the voltage at the VCC pin rises above the UVLO level and is greater than
the battery voltage by VSLPR. At the beginning of the charge cycle, if the battery voltage is less than 5.6V,
the charger goes into trickle charge mode. The trickle charge current is internally set to 15%(Typical) of
the full-scale current. When the battery voltage exceeds 5.6V, the charge goes into full-scale constant
current charge mode. In constant current mode, the charge current is set by the external sense resistor
RCS and an internal 200mV reference, so the charge current equals to 200mV/Rcs. When the battery
voltage approaches the regulation voltage, the charger goes into constant voltage mode, and the charge
current will start to decrease When the charge current drops to a level that is set by the resistor at EOC
pin, the charger cycle is terminated, the DRV pin is pulled up to VCC, and an internal comparator turns off
the internal pull-down N-channel MOSFET at the CHRG pin to indicate that the charge cycle is terminated.
During the charge cycle termination status, another internal pull-down N-channel MOSFET at the DONE
pin is turned on to indicated the termination status.
To restart the charge cycle, just remove and reapply the input voltage. Also, a new charge cycle will
begin if the battery voltage drops below the recharge threshold voltage of 4V/cell.
When the input voltage is not present, the charger goes into sleep mode.
A 10kΩ NTC (negative temperature coefficient) thermistor can be connected from the TEMP pin to
ground for battery temperature qualification. The charge cycle is suspended If the battery temperature is
outside of the acceptable range.
An overvoltage comparator guards against voltage transient overshoots (>8% of regulation voltage). In
this case, P-channel MOSFET is turned off until the overvoltage condition is cleared. This feature is useful
for battery load dump or sudden removal of battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com