Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP275GSZ Datasheet(PDF) 4 Page - Analog Devices

Part # OP275GSZ
Description  Dual Bipolar/JFET, Audio Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP275GSZ Datasheet(HTML) 4 Page - Analog Devices

  OP275GSZ Datasheet HTML 1Page - Analog Devices OP275GSZ Datasheet HTML 2Page - Analog Devices OP275GSZ Datasheet HTML 3Page - Analog Devices OP275GSZ Datasheet HTML 4Page - Analog Devices OP275GSZ Datasheet HTML 5Page - Analog Devices OP275GSZ Datasheet HTML 6Page - Analog Devices OP275GSZ Datasheet HTML 7Page - Analog Devices OP275GSZ Datasheet HTML 8Page - Analog Devices OP275GSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
–4–
OP275–Typical Performance Characteristics
OP275
–5–
SUPPLY VOLTAGE – V
25
20
–25
0
5
25
10
15
20
–5
–10
–15
–20
15
5
10
0
TA = 25C
RL = 2k
+VOM
–VOM
TPC 1. Output Voltage Swing
vs. Supply Voltage
FREQUENCY – Hz
1M
10M
10k
100k
135
90
45
0
–45
–90
60
50
–20
40
30
20
10
0
–10
VS = 15V
TA = 25C
MARKER 15 309.059Hz
MAG (A/H)
60.115dB
MARKER 15 309.058Hz
PHASE (A/R)
90.606Deg
TPC 4. Open-Loop Gain,
Phase vs. Frequency
FREQUENCY – Hz
120
100
0
100
1k
10M
10k
100k
1M
80
60
40
20
VS = 15V
TA = 25C
TPC 7. Common-Mode
Rejection vs. Frequency
TEMPERATURE – C
1500
0
–50
–25
100
0
25
50
75
1250
1000
750
500
250
VS = 15V
VO = 15V
+GAIN
RL = 2k
–GAIN
RL = 2k
+GAIN
RL = 600
–GAIN
RL = 600
TPC 2. Open-Loop Gain vs.
Temperature
FREQUENCY – Hz
50
40
–30
1k
10k
100M
100k
1M
10M
30
20
10
0
–10
–20
VS = 15V
TA = 25C
AVCL = +100
AVCL = +10
AVCL = +1
TPC 5. Closed-Loop Gain vs.
Frequency
FREQUENCY – Hz
120
100
0
10
100
1M
1k
10k
100k
80
60
40
20
VS = 15V
TA = 25C
+PSRR
–PSRR
TPC 8. Power Supply Rejection vs.
Frequency
FREQUENCY – Hz
1M
10M
10k
100k
180
135
–180
90
45
0
–45
–90
–135
40
30
–40
20
10
0
–10
–20
–30
VS = 15V
TA = 25C
TPC 3. Closed-Loop Gain and
Phase, AV = +1
FREQUENCY – Hz
60
50
0
100
1k
10M
10k
100k
1M
40
30
20
10
VS = 15V
TA = 25C
AVCL = +1
AVCL = +10
AVCL = +100
TPC 6. Closed-Loop Output
Impedance vs. Frequency
FREQUENCY – Hz
100
80
–60
1k
10k
100M
100k
1M
10M
60
40
20
0
–20
–40
0
45
90
135
180
225
270
VS = 15V
RL = 2k
TA = 25C
GAIN
PHASE
Øm= 58
TPC 9. Open-Loop Gain,
Phase vs. Frequency
REV. C
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com