Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP275GSZ Datasheet(PDF) 6 Page - Analog Devices

Part # OP275GSZ
Description  Dual Bipolar/JFET, Audio Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP275GSZ Datasheet(HTML) 6 Page - Analog Devices

Back Button OP275GSZ Datasheet HTML 2Page - Analog Devices OP275GSZ Datasheet HTML 3Page - Analog Devices OP275GSZ Datasheet HTML 4Page - Analog Devices OP275GSZ Datasheet HTML 5Page - Analog Devices OP275GSZ Datasheet HTML 6Page - Analog Devices OP275GSZ Datasheet HTML 7Page - Analog Devices OP275GSZ Datasheet HTML 8Page - Analog Devices OP275GSZ Datasheet HTML 9Page - Analog Devices OP275GSZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
–6–
OP275
OP275
–7–
INPUT OFFSET VOLTAGE – V
200
160
0
–500–400
500
–300–200–100 0 100 200 300 400
120
80
40
BASED ON 920 OP AMPS
VS = 15V
TA = 25C
TPC 19. Input Offset (VOS)
Distribution
DIFFERENTIAL INPUT VOLTAGE – V
40
20
0
0
1.0
35
30
10
5
25
15
VS = 15V
RL = 2k
TA = 25C
0.8
0.6
0.4
0.2
TPC 22. Slew Rate vs. Differential
Input Voltage
10
0%
100
90
200ns
5V
TPC 25. Positive Slew Rate
RL = 2 k , VS = ±15 V, AV = +1
SETTLING TIME – ns
10
8
–10
–2
–4
–6
–8
6
2
4
0
0 100
900
200 300 400 500 600 700 800
+0.1%
+0.01%
–0.1%
–0.01%
TPC 20. Step Size vs. Settling
Time
TEMPERATURE – C
50
20
–50
–25
100
0
25
50
75
45
40
35
30
25
–SR
+SR
VS = 15V
RL = 2k
TPC 23. Slew Rate vs.Temperature
10
0%
100
90
100ns
50mV
TPC 26. Small Signal Response
RL = 2 k , VS = ±5 V, AV = +1
+SR
–SR
CAPACITIVE LOAD – pF
50
45
20
0
100
500
200
300
400
40
35
30
25
TA = 25C
VS = 15V
TPC 21. Slew Rate vs. Capacitive
Load
10
0%
100
90
200ns
5V
TPC 24. Negative Slew Rate
RL = 2 k , VS = ±15 V, AV = +1
2.5 kHz
0 Hz
CH A: 80.0 V FS
10.0 V/DIV
MKR: 6.23 nV/ Hz
BW: 15.0 MHz
MKR:
1 000 Hz
TPC 27. Voltage Noise Density
vs. Frequency VS = ±15 V
REV. C
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com