Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP275GSZ Datasheet(PDF) 8 Page - Analog Devices

Part # OP275GSZ
Description  Dual Bipolar/JFET, Audio Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP275GSZ Datasheet(HTML) 8 Page - Analog Devices

Back Button OP275GSZ Datasheet HTML 4Page - Analog Devices OP275GSZ Datasheet HTML 5Page - Analog Devices OP275GSZ Datasheet HTML 6Page - Analog Devices OP275GSZ Datasheet HTML 7Page - Analog Devices OP275GSZ Datasheet HTML 8Page - Analog Devices OP275GSZ Datasheet HTML 9Page - Analog Devices OP275GSZ Datasheet HTML 10Page - Analog Devices OP275GSZ Datasheet HTML 11Page - Analog Devices OP275GSZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
OP275
–8–
OP275
–9–
Noise Testing
For audio applications, the noise density is usually the most
important noise parameter. For characterization, the OP275 is
tested using an Audio Precision, System One. The input signal
to the Audio Precision must be amplified enough to measure it
accurately. For the OP275, the noise is gained by approximately
1020 using the circuit shown in Figure 7. Any readings on the
Audio Precision must then be divided by the gain. In imple-
menting this test fixture, good supply bypassing is essential.
A
B
OP275
909
100
OP37
909
100
909
100
OP37
4.42k
490
OUTPUT
Figure 7. NoiseTest Fixture
Input Overcurrent Protection
The maximum input differential voltage that can be applied
to the OP275 is determined by a pair of internal Zener diodes
connected across its inputs. They limit the maximum differential
input voltage to ±7.5 V.This is to prevent emitter-base junction
breakdown from occurring in the input stage of the OP275 when
very large differential voltages are applied. However, to preserve
the OP275’s low input noise voltage, internal resistances in series
with the inputs were not used to limit the current in the clamp
diodes. In small signal applications, this is not an issue; however,
in applications where large differential voltages can be inadvert-
ently applied to the device, large transient currents can flow
through these diodes. Although these diodes have been designed
to carry a current of ±5 mA, external resistors as shown in Figure 8
should be used in the event that the OP275’s differential voltage
were to exceed ±7.5 V.
OP275
1.4k
1.4k
–
+
2
3
6
Figure 8. Input Overcurrent Protection
Output Voltage Phase Reversal
Since the OP275’s input stage combines bipolar transistors for
low noise and p-channel JFETs for high speed performance, the
output voltage of the OP275 may exhibit phase reversal if either
of its inputs exceeds its negative common-mode input voltage.
This might occur in very severe industrial applications where
a sensor or system fault might apply very large voltages on the
inputs of the OP275. Even though the input voltage range of the
OP275 is ±10.5 V, an input voltage of approximately –13.5 V will
cause output voltage phase reversal. In inverting amplifier con-
figurations, the OP275’s internal 7.5 V input clamping diodes will
prevent phase reversal; however, they will not prevent this effect
from occurring in noninverting applications. For these applications,
the fix is a simple one and is illustrated in Figure 9. A 3.92 k
resistor in series with the noninverting input of the OP275 cures
the problem.
RFB*
VIN
RS
3.92k
VOUT
RL
2k
*
RFB IS OPTIONAL
–
+
Figure 9. Output Voltage Phase Reversal Fix
Overload or Overdrive Recovery
Overload or overdrive recovery time of an operational amplifier
is the time required for the output voltage to recover to a rated
output voltage from a saturated condition. This recovery time
is important in applications where the amplifier must recover
quickly after a large abnormal transient event. The circuit shown
in Figure 10 was used to evaluate the OP275’s overload recovery
time. The OP275 takes approximately 1.2 ms to recover to VOUT =
+10 V and approximately 1.5 µs to recover to VOUT = –10 V.
VIN
VOUT
RL
2.43k
A1 = 1/2 OP275
R2
10k
R1
1k
4V p-p
@100Hz
1
2
3
A1
RS
909k
–
+
Figure 10. Overload RecoveryTimeTest Circuit
Measuring Settling Time
The design of OP275 combines a high slew rate and a wide gain
bandwidth product to produce a fast settling (tS < 1 µs) amplifier
for 8- and 12-bit applications. The test circuit designed to mea-
sure the settling time of the OP275 is shown in Figure 11.This
test method has advantages over false-sum node techniques in
that the actual output of the amplifier is measured, instead of an
error voltage at the sum node. Common-mode settling effects are
exercised in this circuit in addition to the slew rate and band-
width effects measured by the false-sum node method. Of course,
a reasonably flat-top pulse is required as the stimulus.
The output waveform of the OP275 under test is clamped by
Schottky diodes and buffered by the JFET source follower.
The signal is amplified by a factor of 10 by the OP260 and
then Schottky-clamped at the output to prevent overloading the
oscilloscope’s input amplifier.The OP41 is configured as a fast
integrator, which provides overall dc offset nulling.
High Speed Operation
As with most high speed amplifiers, care should be taken with
supply decoupling, lead dress, and component placement.
Recommended circuit configurations for inverting and nonin-
verting applications are shown in Figures 12 and 13.
REV. C
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com