Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP275GSZ Datasheet(PDF) 5 Page - Analog Devices

Part # OP275GSZ
Description  Dual Bipolar/JFET, Audio Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP275GSZ Datasheet(HTML) 5 Page - Analog Devices

  OP275GSZ Datasheet HTML 1Page - Analog Devices OP275GSZ Datasheet HTML 2Page - Analog Devices OP275GSZ Datasheet HTML 3Page - Analog Devices OP275GSZ Datasheet HTML 4Page - Analog Devices OP275GSZ Datasheet HTML 5Page - Analog Devices OP275GSZ Datasheet HTML 6Page - Analog Devices OP275GSZ Datasheet HTML 7Page - Analog Devices OP275GSZ Datasheet HTML 8Page - Analog Devices OP275GSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
–4–
OP275–Typical Performance Characteristics
OP275
–5–
TEMPERATURE – C
11
10
7
–50
–25
100
0
25
50
75
9
8
65
60
40
55
50
GBW
Øm
TPC 10. Gain Bandwidth Product,
Phase Margin vs.Temperature
25
20
15
10
5
FREQUENCY – Hz
30
0
1k
10k
10M
100k
1M
TA = 25C
VS = 15V
AVCL = +1
RL = 2k
TPC 13. Maximum Output
Swing vs. Frequency
TEMPERATURE – C
300
0
–50
–25
100
0
25
50
75
250
200
150
100
50
VS = ±15V
TPC 16. Input Bias Current vs.
Temperature
LOAD CAPACITANCE – pF
100
90
0
0
100
500
200
300
400
40
30
20
10
80
60
70
50
AVCL = +1
NEGATIVE EDGE
AVCL = +1
POSITIVE EDGE
VS = 15V
RL = 2k
VIN = 100mV p-p
TPC 11. Small Signal Overshoot vs.
Load Capacitance
SUPPLY VOLTAGE – V
5.0
4.5
3.0
0
5
25
10
15
4.0
3.5
20
TA = +25C
TA = –40C
TA = +85C
TPC 14. Supply Current vs.
Supply Voltage
FREQUENCY – Hz
10
100
100k
1k
5
4
3
2
1
V = 15V
T = 25C
S
A
TPC 17. Current Noise Density
vs. Frequency
16
8
0
100
1k
10k
2
4
6
10
12
14
LOAD RESISTANCE – 
TA = 25C
VS = 15V
+VOM
–VOM
TPC 12. Maximum Output
Voltage vs. Load Resistance
TEMPERATURE – C
120
20
–50
–25
100
0
25
50
75
110
70
60
50
30
100
90
80
40
VS = 15V
SINK
SOURCE
TPC 15. Short-Circuit Current
vs.Temperature
TCVOS – V/C
500
400
0
0
1
10
2
3
4
5
6
7
8
9
300
200
100
BASED ON 920 OP AMPS
VS = 15V
–40C to +85C
TPC 18.TCVOS Distribution
REV. C
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com