Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP275GSZ Datasheet(PDF) 3 Page - Analog Devices

Part # OP275GSZ
Description  Dual Bipolar/JFET, Audio Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP275GSZ Datasheet(HTML) 3 Page - Analog Devices

  OP275GSZ Datasheet HTML 1Page - Analog Devices OP275GSZ Datasheet HTML 2Page - Analog Devices OP275GSZ Datasheet HTML 3Page - Analog Devices OP275GSZ Datasheet HTML 4Page - Analog Devices OP275GSZ Datasheet HTML 5Page - Analog Devices OP275GSZ Datasheet HTML 6Page - Analog Devices OP275GSZ Datasheet HTML 7Page - Analog Devices OP275GSZ Datasheet HTML 8Page - Analog Devices OP275GSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
–2–
OP275–SPECIFICATIONS
OP275
–3–
ABSOLUTE MAXIMUM RATINGS1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±22 V
Input Voltage2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±22 V
Differential Input Voltage2 . . . . . . . . . . . . . . . . . . . . . . . ±7.5 V
Output Short-Circuit Duration to GND3 . . . . . . . . . . Indefinite
Storage Temperature Range
P, S Packages . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Operating Temperature Range
OP275G . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40°C to +85°C
Junction Temperature Range
P, S Packages . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . . .300°C
Package Type
JA
4
JC
Unit
8-Lead Plastic DIP (P)
103
43
°C/W
8-Lead SOIC (S)
158
43
°C/W
NOTES
1Absolute maximum ratings apply to packaged parts, unless otherwise noted.
2For supply voltages greater than ±22V, the absolute maximum input voltage is equal
to the supply voltage.
3Shorts to either supply may destroy the device. See data sheet for full details.
4JA is specified for the worst-case conditions, i.e., JA is specified for device in socket
for PDIP packages; JA is specified for device soldered in circuit board for SOIC
packages.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
OP275GP
–40°C to +85°C
8-Lead PDIP
N-8
OP275GS
–40°C to +85°C
8-Lead SOIC
R-8
OP275GS-REEL
–40°C to +85°C
8-Lead SOIC
R-8
OP275GS-REEL7
–40°C to +85°C
8-Lead SOIC
R-8
OP275GSZ*
–40°C to +85°C
8-Lead SOIC
R-8
OP275GSZ-REEL*
–40°C to +85°C
8-Lead SOIC
R-8
OP275GSZ-REEL7*
–40°C to +85°C
8-Lead SOIC
R-8
*Z = Pb-free part.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000V readily accumulate
on the human body and test equipment and can discharge without detection. Although the OP275 features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
REV. C
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com