Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP275GSZ Datasheet(PDF) 11 Page - Analog Devices

Part # OP275GSZ
Description  Dual Bipolar/JFET, Audio Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP275GSZ Datasheet(HTML) 11 Page - Analog Devices

Back Button OP275GSZ Datasheet HTML 4Page - Analog Devices OP275GSZ Datasheet HTML 5Page - Analog Devices OP275GSZ Datasheet HTML 6Page - Analog Devices OP275GSZ Datasheet HTML 7Page - Analog Devices OP275GSZ Datasheet HTML 8Page - Analog Devices OP275GSZ Datasheet HTML 9Page - Analog Devices OP275GSZ Datasheet HTML 10Page - Analog Devices OP275GSZ Datasheet HTML 11Page - Analog Devices OP275GSZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
OP275
–10–
OP275
–11–
OP275 SPICE Model
*
* Node assignments
*
noninverting input
*
inverting input
*
positive supply
*
negative supply
*
output
**
.SUBCKT OP275
1
2
99
50
34
*
* INPUT STAGE & POLE AT 100 MHz
*
R3
5
51
2.188
R4
6
51
2.188
CIN
1
2
3.7E-12
CM1
1
98
7.5E-12
CM2
2
98
7.5E-12
C2
5
6
364E-12
I1
97
4
100E-3
IOS
1
2
1E-9
EOS
9
3
POLY(1) 26
28
0.5E-3 1
Q1
5
2
7
QX
Q2
6
9
8
QX
R5
7
4
1.672
R6
8
4
1.672
D1
2
36
DZ
D2
1
36
DZ
EN
3
1
10
0
1
GN1
0
2
13
0
1E-3
GN2
0
1
16
0
1E-3
*
EREF
98
0
28
0
1
EP
97
0
99
0
1
EM
51
0
50
0
1
*
* VOLTAGE NOISE SOURCE
*
DN1
35
10
DEN
DN2
10
11
DEN
VN1
35
0
DC
2
VN2
0
11
DC
2
*
* CURRENT NOISE SOURCE
*
DN3
12
13
DIN
DN4
13
14
DIN
VN3
12
0
DC
2
VN4
0
14
DC
2
*
* CURRENT NOISE SOURCE
*
DN5
15
16
DIN
DN6
16
17
DIN
VN5
15
0
DC
2
VN6
0
17
DC
2
*
* GAIN STAGE & DOMINANT POLE AT 32 Hz
*
R7
18
98
1.09E6
C3
18
98
4.55E-9
G1
98
18
5
6
4.57E-1
V2
97
19
1.35
V3
20
51
1.35
D3
18
19
DX
D4
20
18
DX
* POLE/ZERO PAIR AT 1.5 MHz/2.7 MHz
*
R8
21
98
1E-3
R9
21
22
1.25E-3
C4
22
98
47.2E-12
G2
98
21
18
28
1E-3
*
* POLE AT 100 MHz
*
R10 23 98 1
C5
23
98
1.59E-9
G3
98
23
21
28
1
*
* POLE AT 100 MHz
*
R11 24 98 1
C6
24
98
1.59E-9
G4
98
24
23
28
1
*
* COMMON-MODE GAIN NETWORK WITH ZERO AT
1 kHz
*
R12 25 26 1E6
C7 25 26 1.5915E-12
R13 26 98 1
E2
25
98
POLY(2) 1 98
2 98
0
2.50
2.50
*
* POLE AT 100 MHz
*
R14 27 98 1
C8
27
98
1.59E-9
G5
98
27
24
28
1
*
* OUTPUT STAGE
*
R15
28
99
100E3
R16
28
50
100E3
C9
28
50
1E-6
ISY
99
50
1.85E-3
R17
29
99
100
R18
29
50
100
L2
29
34
1E-9
G6
32
50
27
29
10E-3
G7
33
50
29
27
10E-3
G8
29
99
99
27
10E-3
G9
50
29
27
50
10E-3
V4
30
29
1.3
V5
29
31
3.8
F1
29
0
V4
1
F2
0
29
V5
1
D5
27
30
DX
D6
31
27
DX
D7
99
32
DX
D8
99
33
DX
D9
50
32
DY
D10
50
33
DY
*
* MODELS USED
*
.MODEL QX
PNP(BF=5E5)
.MODEL DX
D(IS=1E-12)
.MODEL DY
D(IS=1E-15 BV=50)
.MODEL DZ
D(IS=1E-15 BV=7.0)
.MODEL DEN
D(IS=1E-12 RS=4.35K KF=1.95E-15
AF=1)
.MODEL DIN
D(IS=1E-12 RS=268 KF=1.08E-15 AF=1)
.ENDS
REV. C
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com