Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF1302 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF1302
Description  Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=180A??
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1302 Datasheet(HTML) 1 Page - International Rectifier

  IRF1302 Datasheet HTML 1Page - International Rectifier IRF1302 Datasheet HTML 2Page - International Rectifier IRF1302 Datasheet HTML 3Page - International Rectifier IRF1302 Datasheet HTML 4Page - International Rectifier IRF1302 Datasheet HTML 5Page - International Rectifier IRF1302 Datasheet HTML 6Page - International Rectifier IRF1302 Datasheet HTML 7Page - International Rectifier IRF1302 Datasheet HTML 8Page - International Rectifier IRF1302 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Description
Specifically designed for Automotive applications, this Stripe Planar
design of HEXFET® Power MOSFET utilizes the lastest processing
techniques to achieve extremely low on-resistance per silicon area.
Additional features of this design are a 175°C junction operating
temperature, fast switching speed and improved repetitive avalanche
rating. These benefits combine to make this design an extremely efficient
and reliable device for use in Automotive applications and a wide variety
of other applications.
S
D
G
VDSS = 20V
RDS(on) = 4.0mΩ
ID = 180A
10/31/02
www.irf.com
1
Benefits
●
Advanced Process Technology
●
Ultra Low On-Resistance
●
Dynamic dv/dt Rating
●
175°C Operating Temperature
●
Fast Switching
●
Repetitive Avalanche Allowed up to Tjmax
AUTOMOTIVE MOSFET
PD - 94591
IRF1302
TO-220AB
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
180
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
130
A
IDM
Pulsed Drain Current
700
PD @TC = 25°C
Power Dissipation
230
W
Linear Derating Factor
1.5
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
350
mJ
IAR
Avalanche Current
See Fig.12a, 12b, 15, 16
A
EAR
Repetitive Avalanche Energy
mJ
dv/dt
Peak Diode Recovery dv/dt
TBD
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.65
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient (PCB mount)
–––
62


Similar Part No. - IRF1302

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1302L IRF-IRF1302L Datasheet
229Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A??
IRF1302PBF IRF-IRF1302PBF Datasheet
165Kb / 10P
AUTOMOTIVE MOSFET ( VDSS = 20V , RDS(on) = 4.0m廓 , ID = 180A )
IRF1302S IRF-IRF1302S Datasheet
229Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A??
More results

Similar Description - IRF1302

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1302S IRF-IRF1302S Datasheet
229Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A??
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRF7204 IRF-IRF7204 Datasheet
145Kb / 9P
Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A)
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRFR3711 IRF-IRFR3711 Datasheet
239Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=6.5mohm, Id=110A??
IRL3102 IRF-IRL3102 Datasheet
96Kb / 7P
Power MOSFET(Vdss=20V, Rds(on)=0.013ohm, Id=61A)
IRL3102S IRF-IRL3102S Datasheet
90Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)
IRF1302PBF IRF-IRF1302PBF Datasheet
165Kb / 10P
AUTOMOTIVE MOSFET ( VDSS = 20V , RDS(on) = 4.0m廓 , ID = 180A )
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com