Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBA1404P Datasheet(PDF) 1 Page - International Rectifier

Part # IRFBA1404P
Description  Power MOSFET(Vdss=40V, Rds(on)=3.7mohm, Id=206A)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBA1404P Datasheet(HTML) 1 Page - International Rectifier

  IRFBA1404P Datasheet HTML 1Page - International Rectifier IRFBA1404P Datasheet HTML 2Page - International Rectifier IRFBA1404P Datasheet HTML 3Page - International Rectifier IRFBA1404P Datasheet HTML 4Page - International Rectifier IRFBA1404P Datasheet HTML 5Page - International Rectifier IRFBA1404P Datasheet HTML 6Page - International Rectifier IRFBA1404P Datasheet HTML 7Page - International Rectifier IRFBA1404P Datasheet HTML 8Page - International Rectifier IRFBA1404P Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRFBA1404P
HEXFET® Power MOSFET
PD - 93806
Specifically designed for Automotive applications, this Stripe Planar
design of HEXFET® Power MOSFETs utilizes the latest processing
techniques to achieve extremely low on-resistance per silicon area.
Additional features of this MOSFET are a 175oC junction operating
temperature, fast switching speed and improved ruggedness in
single and repetitive avalanche. The Super-220 TM is a package that
has been designed to have the same mechanical outline and pinout
as the industry standard TO-220 but can house a considerably
larger silicon die. The result is significantly increased current
handling capability over both the TO-220 and the much larger TO-
247 package. The combination of extremely low on-resistance
silicon and the Super-220 TM package makes it ideal to reduce the
component count in multiparalled TO-220 applications, reduce
system power dissipation, upgrade existing designs or have TO-247
performance in a TO-220 outline. This package has been designed
to meet automotive, Q101, qualification standard.
These benefits make this design an extremely efficient and reliable
device for use in Automotive applications and a wide variety of other
applications.
Description
S
D
G
10/24/00
www.irf.com
1
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
206
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
145
†
A
IDM
Pulsed Drain Current

650
PD @TC = 25°C
Power Dissipation
300
W
Linear Derating Factor
2.0
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
See Fig.12a, 12b, 15, 16
mJ
IAR
Avalanche Current

A
EAR
Repetitive Avalanche Energy

30
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-40 to + 175
TSTG
Storage Temperature Range
-55 to + 175
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
Recommended clip force
20
N
°C
l
Anti-lock Braking Systems (ABS)
l
Electric Power Steering (EPS)
l
Electric Braking
l
Radiator Fan Control
VDSS = 40V
RDS(on) = 3.7mΩ
ID = 206A
†
Super-220™
Typical Applications
Benefits
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
Increase Current Handling Capability
l
175°C Operating Temperature
l
Fast Switching
l
Dynamic dv/dt Rating
l
Repetitive Avalanche Allowed up to Tjmax
AUTOMOTIVE MOSFET


Similar Part No. - IRFBA1404P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1404PPBF IRF-IRFBA1404PPBF Datasheet
148Kb / 10P
AUTOMOTIVE MOSFET HEXFET짰 Power MOSFET
IRFBA1404PPBF IRF-IRFBA1404PPBF Datasheet
205Kb / 10P
Advanced Process Technology
IRFBA1404PPBF IRF-IRFBA1404PPBF_15 Datasheet
205Kb / 10P
Advanced Process Technology
More results

Similar Description - IRFBA1404P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1404S IRF-IRF1404S Datasheet
306Kb / 10P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRF7470 IRF-IRF7470 Datasheet
119Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)max=13mohm, Id=10A)
IRF7471 IRF-IRF7471 Datasheet
214Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)max=13mohm, Id=10A)
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRF1104PBF IRF-IRF1104PBF Datasheet
190Kb / 9P
HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009廓 , ID = 100A )
IRFR4104PBF IRF-IRFR4104PBF Datasheet
273Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 5.5m廓 , ID = 42A )
IRL1404PBF IRF-IRL1404PBF Datasheet
133Kb / 9P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 4.0m廓 , ID = 160A )
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com