Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCS134 Datasheet(PDF) 7 Page - THine Electronics, Inc.

Part # THCS134
Description  The THCS134 provides a function to serialize
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS134 Datasheet(HTML) 7 Page - THine Electronics, Inc.

Back Button THCS134 Datasheet HTML 3Page - THine Electronics, Inc. THCS134 Datasheet HTML 4Page - THine Electronics, Inc. THCS134 Datasheet HTML 5Page - THine Electronics, Inc. THCS134 Datasheet HTML 6Page - THine Electronics, Inc. THCS134 Datasheet HTML 7Page - THine Electronics, Inc. THCS134 Datasheet HTML 8Page - THine Electronics, Inc. THCS134 Datasheet HTML 9Page - THine Electronics, Inc. THCS134 Datasheet HTML 10Page - THine Electronics, Inc. THCS134 Datasheet HTML 11Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
THCS134_Rev.1.00_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
7/19
Electrical Characteristics AC Characteristics (Latch Enable, Output Enable)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tWLE
Latch Enable(LEN_U/LEN_L/LEN)Pulse
Width
-
130
-
-
ns
tSULE
Latch Enable (LEN_U/LEN_L/LEN)Rise
Edge Setup Time
-
133
-
-
ns
tHLE
Latch Enable (LEN_U/LEN_L/LEN)Rise
Edge Hold Time
-
20
-
-
ns
tCLLEa
Latch Enable (LEN_U/LEN_L/LEN)
Clearance1
-
100
-
-
ns
tCLLEb1
Latch Enable (LEN_U/LEN_L/LEN)
Clearance2 (Uni-direction)
-
20
-
-
us
tCLLEb2 Latch Enable (LEN)Clearance2(Bi-direction)
-
40
-
-
us
tWOE
Output Enable (OEN_U/OEN_L)Pulse Width
-
50
-
-
ns
tCLOE
Output Enable (OEN_U/OEN_L)Clearance
-
50
-
-
ns
tPZO
Output Enable (OEN_U/OEN_L)Delay Time
CL=25pF
-
-
50
ns
tPOZ
Output Disable (OEN_U/OEN_L)Delay Time
CL=25pF
-
-
38
ns
Timing Chart (Latch Enable, Output Enable)
8bit Input + Latch Enable
Upper Latch Enable
(LEN_U)
Lower Latch Enable
(LEN_L)
Data Input
Upper 8bit data
Lower 8bit data
Upper 8bit data
(DATA[7:0])
tWLE
tSULE
tHLE
tCLLEb1
tCLLEa
8bit Output+ Output Enable
Upper Output Enable
(OEN_U)
Lower Output Enable
(OEN_L)
Data Output
Upper 8bit data
Lower 8bit data
(DATA[7:0])
tWOE
tCLOE
tPZO
tPOZ
When receiving new incoming data during OEN_U or OEN_L = Low, output data is updated to this new data
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com