Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCS134 Datasheet(PDF) 4 Page - THine Electronics, Inc.

Part # THCS134
Description  The THCS134 provides a function to serialize
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS134 Datasheet(HTML) 4 Page - THine Electronics, Inc.

  THCS134 Datasheet HTML 1Page - THine Electronics, Inc. THCS134 Datasheet HTML 2Page - THine Electronics, Inc. THCS134 Datasheet HTML 3Page - THine Electronics, Inc. THCS134 Datasheet HTML 4Page - THine Electronics, Inc. THCS134 Datasheet HTML 5Page - THine Electronics, Inc. THCS134 Datasheet HTML 6Page - THine Electronics, Inc. THCS134 Datasheet HTML 7Page - THine Electronics, Inc. THCS134 Datasheet HTML 8Page - THine Electronics, Inc. THCS134 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
THCS134_Rev.1.00_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
4/19
Electrical Characteristics DC Characteristics (at VDD=5.0V, Ta=25℃, unless otherwise noted)
Parameter
Condition
Min
Typ
Max
Unit
Power Supply Current
Mode E
LVDS mode
(Note)
-
20
30
mA
UVLO Threshold Voltage (VDD Rising)
-
-
2.6
2.8
V
UVLO Hysteresis Voltage
-
-
0.15
-
V
Digital Input High-level Voltage (VIH)
-
0.7VDD
-
-
V
Digital Input Low level Voltage (VIL)
-
-
-
0.3VDD
V
Digital Input Leakage Current 1
-
-
-
+/-50
uA
Digital Input Hysteresis Voltage
-
-
0.11VDD
-
V
Digital Output High-level Voltage
(VOH)
VDD=3.0V
Tj=125℃
Iout=4mA
VDD-0.6
-
-
V
Digital Output High-level ON Resistance
(RonH)
VDD=3.3V
-
56
-
Ohm
VDD=5.0V
-
46
-
Ohm
Digital Output Low-level Voltage (VOL)
VDD=3.0V
Tj=125℃
Iout=4mA
-
-
0.4
V
Digital Output Low-level ON Resistance
(RonL)
VDD=3.3V
-
44
-
Ohm
VDD=5.0V
-
36
-
Ohm
Open Drain Output Low-level Voltage
Iout=1mA
FAULTN
-
-
0.4
V
LVDS Differential Input Voltage (VID)
IOP/ION
200
-
-
mV
LVDS Input Leakage Current
IOP/ION
-
-
+/-50
uA
LVDS Differential Output Voltage
(VOD)
VDD=3.0V
IOP/ION
350
-
-
mV
VDD=5.0V
IOP/ION
-
600
-
mV
VDD=5.5V
IOP/ION
-
-
750
mV
LVDS Output Common-mode Voltage
(VOC)
IOP/ION
1.0
1.25
1.4
V
Pull-down Resistance
-
-
250
-
kOhm
Note: The power supply current is maximum in this condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com