Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCS134 Datasheet(PDF) 14 Page - THine Electronics, Inc.

Part # THCS134
Description  The THCS134 provides a function to serialize
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS134 Datasheet(HTML) 14 Page - THine Electronics, Inc.

Back Button THCS134 Datasheet HTML 10Page - THine Electronics, Inc. THCS134 Datasheet HTML 11Page - THine Electronics, Inc. THCS134 Datasheet HTML 12Page - THine Electronics, Inc. THCS134 Datasheet HTML 13Page - THine Electronics, Inc. THCS134 Datasheet HTML 14Page - THine Electronics, Inc. THCS134 Datasheet HTML 15Page - THine Electronics, Inc. THCS134 Datasheet HTML 16Page - THine Electronics, Inc. THCS134 Datasheet HTML 17Page - THine Electronics, Inc. THCS134 Datasheet HTML 18Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
THCS134_Rev.1.00_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
14/19
Function Setup for Serial I/O Pins
IOP and ION pins are set as 1 line CMOS I/O or 2-lane LVDS I/O with a SIG pin.
Pin Setup
Pin Function
Description
SIG
IOP
ION
L
CMOS I/O
*
CMOS I/O
H
Differential mode I/O+
Differential mode I/O
Differential mode I/O
*
: Please keep pin being opened(No connection)
Function of Transmission Status Error Indicator, FAULTN (Receiver mode)
FAULTN is the output pin. When the protocol of received data is not correct or serial data more than
50usec (typ) is not received, FAULTN pin will be changed into low level. The received data is
canceled when a FAULTN pin outputs Low. When normal serial data is received, a FAULTN pin
outputs High in case of pulled up externally.
Digital Filter Function
When FILT pin is set to high level, the digital filter function is active. If the receiver matches the 3
sampling frequency content with the deserialized parallel data, it is updated as the correct data.
Writing and Reading of Parallel Data by Serial Communication
The THCS134 is able to write and read data by 3-wire serial I/F on 16bit register.
Electrical Characteristic AC Characteristics (3-wire Serial I/O Unit)
Mark
Parameter
Condition
Min
Typ
Max
Unit
fSCK
SCK Frequency
-
-
-
10
MHz
tCH
SCK High period
-
50
-
-
ns
tCL
SCK Low period
-
50
-
-
ns
tDVCH
SI Setup time
-
10
-
-
ns
tCHDX
SI Hold time
-
15
-
-
ns
tCHSL
CSN Not Active Hold time
-
10
-
-
ns
tSLCH
CSN Active Setup time
-
200
-
-
ns
tCHSH
CSN Active Hold time
-
50
-
-
ns
tSHCH
CSN Not Active Set up time
-
50
-
-
ns
tSHSL
CSN Not Active period
-
2
-
-
us
tSLSO
Delay time From CSN Fall to SO Output
CL=25pF
-
-
190
ns
tCLSO
Delay time From SCK Fall to SO Output
CL=25pF
-
-
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com