Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCS134 Datasheet(PDF) 13 Page - THine Electronics, Inc.

Part # THCS134
Description  The THCS134 provides a function to serialize
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS134 Datasheet(HTML) 13 Page - THine Electronics, Inc.

Back Button THCS134 Datasheet HTML 9Page - THine Electronics, Inc. THCS134 Datasheet HTML 10Page - THine Electronics, Inc. THCS134 Datasheet HTML 11Page - THine Electronics, Inc. THCS134 Datasheet HTML 12Page - THine Electronics, Inc. THCS134 Datasheet HTML 13Page - THine Electronics, Inc. THCS134 Datasheet HTML 14Page - THine Electronics, Inc. THCS134 Datasheet HTML 15Page - THine Electronics, Inc. THCS134 Datasheet HTML 16Page - THine Electronics, Inc. THCS134 Datasheet HTML 17Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
THCS134_Rev.1.00_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
13/19
Connection Examples (Mode H, I)
Deserialize
ADDR[3:0]
Address
Data
Deserialize
ADDR[3:0]
Address
Data
Serialize
Address
Data
LEN_U
LEN_L
LEN_U:Address latch
LEN_L:Data latch
Latch
circuit
Address
Data
DOUT[7:0]
DOUT[7:0]
DIN[7:0]
Mode E
ModeH
Mode H
Transmit device adress
ADDR[3:0]
Serialize
Deserialize
Latch
circuit
I/O
conversion
LEN
OEN
Serialize
Deserialize
Address
Data
Serialize
Deserialize
Address
Data
ADDR[3:0]
Address
Data
DIO[7:0]
Mode G
Mode I
Mode I
DIN[6:0]
DIN7 fixed on GND
DIN[6:0]
DIN7 fixed on GND
Device Address (Mode H, I)
As to transmitter device, set device address into upper 8bit and data into lower 8bit. The device address
is selectable out of 15 addresses( 10000001b~10001111b(81h~8Fh))
The upper 4 bits of receiver device address is fixed as 1000b, and lower 4 bits are set by ADDR[3:0]
pins.
Mode H offers to output the same data from all devices. Set to broadcast device address as 10000000b
(80h). Mode I is not able to handle Broadcast.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com