Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCS134 Datasheet(PDF) 1 Page - THine Electronics, Inc.

Part # THCS134
Description  The THCS134 provides a function to serialize
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS134 Datasheet(HTML) 1 Page - THine Electronics, Inc.

  THCS134 Datasheet HTML 1Page - THine Electronics, Inc. THCS134 Datasheet HTML 2Page - THine Electronics, Inc. THCS134 Datasheet HTML 3Page - THine Electronics, Inc. THCS134 Datasheet HTML 4Page - THine Electronics, Inc. THCS134 Datasheet HTML 5Page - THine Electronics, Inc. THCS134 Datasheet HTML 6Page - THine Electronics, Inc. THCS134 Datasheet HTML 7Page - THine Electronics, Inc. THCS134 Datasheet HTML 8Page - THine Electronics, Inc. THCS134 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
THCS134_Rev.1.00_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
1/19
THCS134
I/OSpreader
General Description
The THCS134 provides a function to serialize
multiple parallel signals into single-ended serial
line at least or to deserialize the data stream over
single-ended serial line or single differential pair
into multiple parallel signals.
This small number of transmission line simplifies
system configuration and reduces system cost
including cable width, connector size and pins
and PCB layout area.
The THCS134 is offered in 8bit/16bit parallel
IOs as host MPU interface. It can transfer 16bit
independent parallel signals to remote side by
only 1-line or 1-pair cable. Also, the THCS134
set as master device can control plural slave
devices by transmitting and receiving data that is
designated as a device address.
Transmitter, receiver or transceiver function can
be selected by pins.
Features
- No External Clock Required.
-8bit/16bit Parallel IOs to MPU.
- Uni-directional/Bi-directional Mode Selectable
- Single-ended/Differential Mode (noise tolerant)
Selectable
- AC Coupling Supported with Differential Mode
- Transmission Status Error Indicator Supported
(Line Cut Detection and Packet Error
Detection)
- Digital Filter Function.
- Power supply : 3.0 to 5.5V
- QFN 32-pin Package
- EU RoHS Compliant
Block Diagram
THCS134


Similar Part No. - THCS134

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCS134 THINE-THCS134_15 Datasheet
737Kb / 20P
I/OSpreader TSSOP28
More results

Similar Description - THCS134

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
FPT-XSTAND GAMEWELL-FCI-FPT-XSTAND Datasheet
72Kb / 2P
Provides the following
logo
Littelfuse
P0080SALRP LITTELFUSE-P0080SALRP Datasheet
140Kb / 5P
The series provides a surface mount solution that enables equipment to comply
logo
National Semiconductor ...
LM21212-1 NSC-LM21212-1 Datasheet
1Mb / 10P
evaluation board provides a solution to examine the high efficiency
LM21212-2 NSC-LM21212-2 Datasheet
1Mb / 10P
Evaluation Board provides a solution to examine the high efficiency
LM21215 NSC-LM21215 Datasheet
1Mb / 10P
Evaluation Board provides a solution to examine the high efficiency
logo
Unisonic Technologies
U74LVC2G02 UTC-U74LVC2G02 Datasheet
165Kb / 5P
The UTC U74LVC2G02 is a dual 2-input positive-NOR gate which provides the function Y=AB or Y=AB .
logo
TEXAS ADVANCED OPTOELEC...
LMK61E2EVM TAOS-LMK61E2EVM Datasheet
1Mb / 27P
evaluation module provides a complete evaluation platform to evaluate the clock performance
logo
Silicon Laboratories
UPIO-M3U1XX SILABS-UPIO-M3U1XX Datasheet
768Kb / 28P
The Unified Development Platform (UDP) provides a development
logo
PHOENIX CONTACT
2200163 PHOENIX-2200163 Datasheet
43Kb / 2P
Mounting close to the edge provides wiring advantages
logo
Maxim Integrated Produc...
DS2485EVKIT MAXIM-DS2485EVKIT Datasheet
3Mb / 7P
Provides the Ability to Exercise All Functional Commands
Rev 0; 5/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com