Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCS134 Datasheet(PDF) 11 Page - THine Electronics, Inc.

Part # THCS134
Description  The THCS134 provides a function to serialize
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS134 Datasheet(HTML) 11 Page - THine Electronics, Inc.

Back Button THCS134 Datasheet HTML 7Page - THine Electronics, Inc. THCS134 Datasheet HTML 8Page - THine Electronics, Inc. THCS134 Datasheet HTML 9Page - THine Electronics, Inc. THCS134 Datasheet HTML 10Page - THine Electronics, Inc. THCS134 Datasheet HTML 11Page - THine Electronics, Inc. THCS134 Datasheet HTML 12Page - THine Electronics, Inc. THCS134 Datasheet HTML 13Page - THine Electronics, Inc. THCS134 Datasheet HTML 14Page - THine Electronics, Inc. THCS134 Datasheet HTML 15Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
THCS134_Rev.1.00_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
11/19
Connection Example (Mode E, F, G)
Serialize
Latch
circuit
LEN_U
LEN_L
Deserialize
Selector
OEN_U
OEN_L
DIN[7:0]
DOUT[7:0]
Mode E
Mode F
Serialize
&
Deserialize
Latch
Circuit
&
I/O
conversion
LEN
OEN
Serialize
&
Deserialize
Mode G
Mode D
DOUT[7:0]
DIN[7:0]
DIO[7:0]
・
Latch Enable, Output Enable Truth Table
Mode E
LEN_U
LEN_L
Latch Enable Input
L
L
Lower 8bit is transmitted by sampling frequency
(8bit through mode)
↑
H
Upper 8bit input latch
H
↑
Lower 8bit input latch and 16bit data reception
H
H
Keep data
The rising edge of LEN_L is the trigger for sampling of upper and lower data.
Mode F
OEN_U
OEN_L
Output Enable Input
L
L
Output disable
(
DATA pins are pulled down by 250kΩ internally)
L
H
Upper 8bit Output enable
H
L
Lower 8bit Output enable
H
H
Output disable
(
DATA pins are pulled down by 250kΩ internally)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com